Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9S08QD2CSC Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 14Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 15Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 16Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 17Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 18Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 19Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 20Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 21Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 198 page
background image
Chapter 1 Device Overview
MC9S08QD4 Series MCU Data Sheet, Rev. 6
18
Freescale Semiconductor
1.3
System Clock Distribution
Figure 1-2 shows a simplified clock connection diagram. Some modules in the MCU have selectable clock
inputs as shown. The clock inputs to the modules indicate the clock(s) that are used to drive the module
function. All memory mapped registers associated with the modules are clocked with BUSCLK.
Figure 1-2. System Clock Distribution Diagram
Table 1-2. Versions of On-Chip Modules
Module
Version
Analog-to-Digital Converter
(ADC)
1
Central Processing Unit
(CPU)
2
Internal Clock Source
(ICS)
1
Keyboard Interrupt
(KBI)
2
Timer Pulse-Width Modulator
(TPM)
2
TPM1
TPM2
CPU
BDC
ADC2
FLASH3
ICS
ICSOUT
÷2
SYSTEM CONTROL LOGIC
BUSCLK
ICSLCLK1
RTI
1 ICSLCLK is the alternate BDC clock source for the MC9S08QD4 series.
2 ADC has min. and max frequency requirements. See ADC chapter and Appendix A, “Electrical Characteristics.”
3 Flash has frequency requirements for program and erase operation.See Appendix A, “Electrical Characteristics.”
÷2
ICSFFCLK
COP
TCLK1
TCLK2
ICSIRCLK
FIXED FREQ CLOCK (XCLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com