Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9S08QD2CSC Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 32Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 33Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 34Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 35Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 36Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 37Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 38Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 39Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 198 page
background image
Chapter 4 Memory Map and Register Definition
MC9S08QD4 Series MCU Data Sheet, Rev. 6
36
Freescale Semiconductor
Provided the key enable (KEYEN) bit is 1, the 8-byte comparison key can be used to temporarily
disengage memory security. This key mechanism can be accessed only through user code running in secure
memory. (A security key cannot be entered directly through background debug commands.) This security
key can be disabled completely by programming the KEYEN bit to 0. If the security key is disabled, the
only way to disengage security is by mass erasing the flash if needed (normally through the background
debug interface) and verifying that flash is blank. To avoid returning to secure mode after the next reset,
program the security bits (SEC01:SEC00) to the unsecured state (1:0).
The ICS factory-trimmed value will be stored in 0xFFAE (bit-0) and 0xFFAF. Development tools, such as
programmers can trim the ICS and the internal temperature sensor (via the ADC) and store the values in
0xFFAD–0xFFAF.
4.4
RAM
The MC9S08QD4 series includes static RAM. The locations in RAM below 0x0100 can be accessed using
the more efficient direct addressing mode, and any single bit in this area can be accessed with the bit
manipulation instructions (BCLR, BSET, BRCLR, and BRSET). Locating the most frequently accessed
program variables in this area of RAM is preferred.
The RAM retains data when the MCU is in low-power wait, stop2, or stop3 mode. At power-on or after
wakeup from stop1, the contents of RAM are uninitialized. RAM data is unaffected by any reset provided
that the supply voltage does not drop below the minimum value for RAM retention (VRAM).
Table 4-4. Nonvolatile Register Summary
Address
Register Name
Bit 7
654321
Bit 0
0xFFAA –
0xFFAC
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0xFFAD
Reserved for
ADCRL of AD26
value during ICS
trim
ADR7
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1
ADR0
0xFFAE
Reserved for
ADCRH of AD26
value during ICS
trim and ICS Trim
value “FTRIM”
ADR9
ADR8
—
—
—
—
—FTRIM
0xFFAF
Reserved for
ICS Trim value
“TRIM”
TRIM
0xFFB0 –
0xFFB7
NVBACKKEY
8-Byte Comparison Key
0xFFB8 –
0xFFBC
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0xFFBD
NVPROT
FPS
FPDIS
0xFFBE
Unused
—
—
—
—
—
—
—
—
0xFFBF
NVOPT
KEYEN
FNORED
0
0
0
0
SEC01
SEC00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com