Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4470GS Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4470GS
Description  Dual Low-Drop Voltage Regulator Very low dropout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4470GS Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4470GS Datasheet HTML 6Page - Infineon Technologies AG TLE4470GS Datasheet HTML 7Page - Infineon Technologies AG TLE4470GS Datasheet HTML 8Page - Infineon Technologies AG TLE4470GS Datasheet HTML 9Page - Infineon Technologies AG TLE4470GS Datasheet HTML 10Page - Infineon Technologies AG TLE4470GS Datasheet HTML 11Page - Infineon Technologies AG TLE4470GS Datasheet HTML 12Page - Infineon Technologies AG TLE4470GS Datasheet HTML 13Page - Infineon Technologies AG TLE4470GS Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
10
Rev. 1.2, 2008-03-20
TLE 4470
Main-Regulator
Output 2
Output voltage
tracking accuracy
∆V
Q2 =
V
Q2 - VQ1
-25
5
25
mV
5 mA <
I
Q2 < 100 mA;
6 V <
V
I2 < 40 V
3)
Output voltage
tracking accuracy
∆V
Q2 =
V
Q2 - VQ1
-25
5
25
mV
5 mA <
I
Q2 < 250 mA;
7 V <
V
I2 < 28 V
3)
Adjust input current
I
ADJ2
-1
–
1
µA–
Output current
limitation
I
Q2
350
500
–
mA
1)
Output drop voltage
V
DRQ2 = VI2 - VQ2
V
DRQ2
–
300
600
mV
I
Q2 = 200 mA
1)
Current Consumption
Quiescent current;
I
q = II - IQ
I
q
–7
15
mA
I
Q2 = 200 mA;
I
Q1 = 300 µA
Quiescent current;
I
q = II - IQ
I
q
–
250
500
µA
I
Q2 = IQ1 = 300 µA;
T
j = 25 °C
Regulator Performance
Load regulation
∆V
Q2,Lo
–
5
25
mV
5 mA <
I
Q2 < 200 mA;
Line regulation
∆V
Q2,Li
–5
20
mV
I
Q2 = 5 mA;
6 V <
V
I2 < 28 V
Power Supply Ripple
Rejection
PSRR
–60
–
dB
20 Hz <
f
r < 20 kHz;
V
r = 5 Vpp
Temperature output
voltage drift
∆V
Q2/∆T
–
0.5
–
mV/
K
–
d
V
I2/dt stability
V
Q2
4.5
–
5.5
V
no reset occurs
3)
Value of output
capacitance
C
Q2
10
–
–
µF–
ESR of output
capacitance
ESR
CQ2
––
10
Ω
at 10 kHz
Table 5
Electrical Characteristics (cont’d)
V
I1 = VI2 = 14 V; VDIS < VDISL; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com