Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4470GS Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4470GS
Description  Dual Low-Drop Voltage Regulator Very low dropout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4470GS Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4470GS Datasheet HTML 10Page - Infineon Technologies AG TLE4470GS Datasheet HTML 11Page - Infineon Technologies AG TLE4470GS Datasheet HTML 12Page - Infineon Technologies AG TLE4470GS Datasheet HTML 13Page - Infineon Technologies AG TLE4470GS Datasheet HTML 14Page - Infineon Technologies AG TLE4470GS Datasheet HTML 15Page - Infineon Technologies AG TLE4470GS Datasheet HTML 16Page - Infineon Technologies AG TLE4470GS Datasheet HTML 17Page - Infineon Technologies AG TLE4470GS Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Data Sheet
14
Rev. 1.2, 2008-03-20
TLE 4470
Input, Output
The input capacitor
C
I is necessary for compensating line influences. Using a resistor of
approx. 1
Ω in series with C
I, the LC circuit of input inductivity and input capacitance can
be damped. To stabilize the regulation circuits of the stand-by and main regulator, output
capacitors
C
Q1 and CQ2 are necessary. Stability is guaranteed at values CQ1 ≥ 6 µF and
C
Q2 ≥ 10 µF, both with an ESR ≤ 10 Ω within the operating temperature range.
For the TLE 4470 G (PG-DSO-20) the output voltage
V
Q2 of the main regulator can be
adjusted to 5 V
≤ V
Q2,nom ≤ 20 V by connecting an external voltage divider to the voltage
adjust pin ADJ2. For
V
Q2 = 5 V the voltage adjust pin has to be connected directly to the
main output.
For calculating
V
Q2 or R1 and R2 respectively the following equations can be used:
V
Q2 = VQ1 × (1 + R1 / R2)(1)
or
R
1 = R2 × (VQ2 / VQ1 - 1)
(2)
Disable
The main regulator of the TLE 4470 can be switched OFF by a voltage above 2.3 V at
pin DIS. Reducing this voltage below 1.4 V will switch ON the main regulator again.
Reset Timing
The power-on reset delay time is defined by the charging time of an external capacitor
C
D which can be calculated as follows:
C
D = (∆t × ID,c) / ∆V(3)
Definitions:
•
C
D = delay capacitor
•
∆t = reset delay time
•
I
D,c = charge current, typical 5 µA
•
∆V = V
DU, typical 1.8 V
•
V
DU = upper delay switching threshold at CD for reset delay time
The reset reaction time
t
rr is the time it takes the voltage regulator to set the reset out
LOW after the output voltage has dropped below the reset threshold. It is typically 2
µs
for delay capacitor of 100 nF. For other values for
C
D the reaction time can be estimated
using the following equation:
t
rr ≈ 20 s/F × CD
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com