Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4470GS Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4470GS
Description  Dual Low-Drop Voltage Regulator Very low dropout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4470GS Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4470GS Datasheet HTML 11Page - Infineon Technologies AG TLE4470GS Datasheet HTML 12Page - Infineon Technologies AG TLE4470GS Datasheet HTML 13Page - Infineon Technologies AG TLE4470GS Datasheet HTML 14Page - Infineon Technologies AG TLE4470GS Datasheet HTML 15Page - Infineon Technologies AG TLE4470GS Datasheet HTML 16Page - Infineon Technologies AG TLE4470GS Datasheet HTML 17Page - Infineon Technologies AG TLE4470GS Datasheet HTML 18Page - Infineon Technologies AG TLE4470GS Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
TLE 4470
Data Sheet
15
Rev. 1.2, 2008-03-20
Figure 4
Reset Timing
Reset Switching Threshold
The internally set reset threshold is 4.65 V. When using the TLE 4470 G (PG-DSO-20)
this threshold can be adjusted to 3.5 V <
V
Q, rt < 4.6 V by connecting an external voltage
divider to pin RADJ. If this pin is not needed, it can be left open or even better connected
to GND.
R
1 = R2 × (VQ, rt - Vref) / Vref or VQ, rt = Vref (1 + R1 / R2)(5)
Definitions:
•
V
Q, rt = Reset threshold
•
V
ref = comparator reference voltage, typical 1.35 V
(Reset adjust input current
≈ 50 nA)
The reset output pin is internally connected to the stand-by output Q1 via a 30 k
Ω pull-up
resistor. The reset LOW signal at pin RQ is guaranteed down to an output voltage
V
Q1
of 1 V typical.
AED03010_4470
Thermal
t rd
Power-on-Reset
Voltage Dip
Secondary
Overload
at Output
Spike
VΙ
D,c
Ι
=
V
d
dt
V
Q
Q, rt
V
t rr
<
rr
t
at Input
Undervoltage
Shutdown
CD
t
V
RO
D
V
t
t
t
VDU
VDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com