Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4285G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4285G
Description  5-V Voltage Regulator Low quiescent current consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4285G Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4285G Datasheet HTML 1Page - Infineon Technologies AG TLE4285G Datasheet HTML 2Page - Infineon Technologies AG TLE4285G Datasheet HTML 3Page - Infineon Technologies AG TLE4285G Datasheet HTML 4Page - Infineon Technologies AG TLE4285G Datasheet HTML 5Page - Infineon Technologies AG TLE4285G Datasheet HTML 6Page - Infineon Technologies AG TLE4285G Datasheet HTML 7Page - Infineon Technologies AG TLE4285G Datasheet HTML 8Page - Infineon Technologies AG TLE4285G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TLE 4285 G
Data Sheet
5
Rev. 2.2, 2008-04-21
Table 4
Electrical Characteristics
6.2 V <
V
I < 36 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.
Output
Output voltage
V
Q
4.85
5.0
5.15
V
T
j = 25 °C;
1 mA <
I
Q < 10 mA
Output voltage
V
Q
4.8
5.0
5.20
V
1 mA <
I
Q < 10 mA
Drop voltage
V
dr
0.6
0.8
1.1
V
I
Q = 10 mA
1)
Output capacitor
C
Q
1––
µF
ESR
≤ 10 Ω
at 10 kHz
Output current
I
Q
15
–
70
mA
–
Current Consumption
Quiescent current
I
q
–100
150
µA
I
Q < 10 mA;
V
I = 13.5 V
Regulator Performance
Load regulation
∆V
Q
–510
mV
0 mA <
I
Q <10 mA;
V
I = 6 V;
T
j ≤ 85 °C
Line regulation
∆V
Q
–510
mV
I
Q = 5 mA;
T
j ≤ 85 °C
Power supply ripple
rejection
PSRR
–60
–
dB
f
r = 100 Hz;
V
r = 0.5 Vpp
Power Fail Output
Power fail switching
threshold
∆V
Q
–
V
Q,nom
- 50
–mV
V
PF < 1 V
Power fail low voltage
V
PF, low
–
0.15
0.3
V
I
PF = 0.1 mA;
V
Q = 4.5 V
Power fail leakage
current
I
PFLK
––10
µA
R
ext = 47 kΩ
Power fail pull-up
R
PF
30
50
70
k
Ω
internally
connected to
V
Q
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com