Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4285G Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4285G
Description  5-V Voltage Regulator Low quiescent current consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4285G Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4285G Datasheet HTML 4Page - Infineon Technologies AG TLE4285G Datasheet HTML 5Page - Infineon Technologies AG TLE4285G Datasheet HTML 6Page - Infineon Technologies AG TLE4285G Datasheet HTML 7Page - Infineon Technologies AG TLE4285G Datasheet HTML 8Page - Infineon Technologies AG TLE4285G Datasheet HTML 9Page - Infineon Technologies AG TLE4285G Datasheet HTML 10Page - Infineon Technologies AG TLE4285G Datasheet HTML 11Page - Infineon Technologies AG TLE4285G Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet
8
Rev. 2.2, 2008-04-21
TLE 4285 G
Output Voltage
V
Q versus
Input Voltage
V
I
Current Consumption
I
q versus
Output Current
I
Q
Drop Voltage
V
dr versus
Output Current
I
Q
0
0
AED02748
VQ
2
4
V
6
1
3
5
j
T = 25 ˚C
I
V
V
12
3
4
5
6
0
0
AED02750
Iq
5
10
15
25
40
80
A
120
20 mA
20
60
100
I
V = 13.5 V
IQ
µ
25 ˚C
T =
j
600
0
0
200
400
10
7.5
5
2.5
800
mV
1000
1200
mA
15
Q
Ι
AED02193
Vdr
Tj =
-40 ˚C
130 ˚C
25 ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com