Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4285G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4285G
Description  5-V Voltage Regulator Low quiescent current consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4285G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4285G Datasheet HTML 1Page - Infineon Technologies AG TLE4285G Datasheet HTML 2Page - Infineon Technologies AG TLE4285G Datasheet HTML 3Page - Infineon Technologies AG TLE4285G Datasheet HTML 4Page - Infineon Technologies AG TLE4285G Datasheet HTML 5Page - Infineon Technologies AG TLE4285G Datasheet HTML 6Page - Infineon Technologies AG TLE4285G Datasheet HTML 7Page - Infineon Technologies AG TLE4285G Datasheet HTML 8Page - Infineon Technologies AG TLE4285G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Type
Package
Marking
TLE 4285 G
PG-SCT-595-5
B1
5-V Voltage Regulator
TLE 4285 G
PG-SCT-595-5
Data Sheet
1
Rev. 2.2, 2008-04-21
Features
•
15 mA current capability
•
Low quiescent current consumption
•
Power fail output
•
Wide operation range: up to 45 V
•
Wide temperature range: -40
°C to 150 °C
•
Output protected against short circuit
•
Overtemperature protection
•
Very small SMD-Package PG-SCT-595-5
•
Green product (RohS compliant)
•
AEC qualified
Functional Description
The TLE 4285 G is a 5-V fixed voltage regulator in a very small SMD package
PG-SCT-595-5. The maximum input voltage is 45 V. The output is able to drive an output
current of more than 10 mA while it regulates the output voltage within a 4% accuracy.
The Power Fail Output (open collector) is switched to low in case of under-voltage at the
output pin. To reduce external components the Power Fail Output has an internal pull-up
resistor of 50 k
Ω which is connected to the output Q.
The device incorporates a temperature protection that disables the circuit at
overtemperature.


Similar Part No. - TLE4285G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4285G INFINEON-TLE4285G Datasheet
201Kb / 11P
5-V Voltage Regulator
Rev. 2.1, 2004-01-01
More results

Similar Description - TLE4285G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3674 PHILIPS-TDA3674 Datasheet
83Kb / 16P
Low dropout voltage/quiescent current 5 V voltage regulator with enable
2000 Feb 01
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
Ultra-Low Quiescent Current Voltage Regulator
logo
STMicroelectronics
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
LOW QUIESCENT CURRENT VOLTAGE REGULATOR
10-Feb-2005
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
NXP Semiconductors
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
Ultra-Low Quiescent Current Voltage Regulator
logo
Global Mixed-mode Techn...
G921 GMT-G921 Datasheet
62Kb / 1P
Low Quiescent Current Voltage Regulator
G920 GMT-G920 Datasheet
65Kb / 1P
Low Quiescent Current Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com