Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7230R Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE7230R
Description  Smart Octal Low-Side Switch Low Quiescent Current< 10關A Overvoltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7230R Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE7230R Datasheet HTML 1Page - Infineon Technologies AG TLE7230R Datasheet HTML 2Page - Infineon Technologies AG TLE7230R Datasheet HTML 3Page - Infineon Technologies AG TLE7230R Datasheet HTML 4Page - Infineon Technologies AG TLE7230R Datasheet HTML 5Page - Infineon Technologies AG TLE7230R Datasheet HTML 6Page - Infineon Technologies AG TLE7230R Datasheet HTML 7Page - Infineon Technologies AG TLE7230R Datasheet HTML 8Page - Infineon Technologies AG TLE7230R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet TLE 7230 R
V2.0
Page
2005-10-05
5
Electrical Characteristics cont.
Parameter and Conditions
Symbol
Values
Unit
VS = 4.5 to 5.5 V; VVDO = 3.0 to 5.5V;
Tj = - 40 °C to + 150 °C ; Reset = H
(unless otherwise specified)
min
typ
max
5. Diagnostic Functions
Open Load Detection Voltage
VDS(OL)
VS -2.5 VS -2
VS -1.3
V
Output Pull Down Current
IPD(OL)
50
90
150
µA
Fault Delay Time
td(fault)
50
100
200
µs
Overload switch off delay time
Td(off)
10
50
µs
Short to Ground Detection Voltage
VDS(SHG)
VS -3.4 VS -3.0 VS -2.6 V
Short to Ground Detection Current
ISHG
-50
-100
-150
µA
Overload Threshold Current
ID(OVL) 1...8
1
2
A
Overtemperature Shutdown Threshold
2,4
Hysteresis
2
Tth(sd)
Thys
170
--
--
10
200
--
°C
K
6. SPI-Timing (for VVDO = 4.5V to 5.5V)
Serial Clock Frequency (depending on SO load)
f
SCK
DC
--
5
MHz
Serial Clock Period (1/fclk)
t
p(SCK)
200
--
--
ns
Serial Clock High Time
t
SCKH
50
--
--
ns
Serial Clock Low Time
t
SCKL
50
--
--
ns
Enable Lead Time (falling edge of CS to rising edge of CLK) t
lead
250
--
--
ns
Enable Lag Time (falling edge of CLK to rising edge ofCS)
t
lag
250
---
--
ns
Data Setup Time (required time SI to falling of CLK)
t
SU
20
--
--
ns
Data Hold Time (falling edge of CLK to SI)
t
H
20
--
--
ns
Disable Time
2
tDIS
--
--
150
ns
Transfer Delay Time
3
(CS high time between two accesses)
tdt
200
--
--
ns
Data Valid Time (for VVDO = 4.5V to 5.5V)
CL = 50 pF
2
CL = 100 pF
2
CL = 220 pF
2
tvalid
--
--
--
100
120
150
ns
Data Valid Time (for VVDO = 3.0V to 3.6V)
CL = 50 pF
2
CL = 100 pF
2
CL = 220 pF
2
tvalid
--
--
--
100
140
240
ns
2 This parameter is not subject to production test. Specified by design.
3 This time is necessary between two write accesses. To get the correct diagnostic information, the transfer delay
time has to be extended to the maximum fault delay time td(fault)max = 200µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com