Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7230R Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7230R
Description  Smart Octal Low-Side Switch Low Quiescent Current< 10關A Overvoltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7230R Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7230R Datasheet HTML 6Page - Infineon Technologies AG TLE7230R Datasheet HTML 7Page - Infineon Technologies AG TLE7230R Datasheet HTML 8Page - Infineon Technologies AG TLE7230R Datasheet HTML 9Page - Infineon Technologies AG TLE7230R Datasheet HTML 10Page - Infineon Technologies AG TLE7230R Datasheet HTML 11Page - Infineon Technologies AG TLE7230R Datasheet HTML 12Page - Infineon Technologies AG TLE7230R Datasheet HTML 13Page - Infineon Technologies AG TLE7230R Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Data Sheet TLE 7230 R
V2.0
Page
2005-10-05
12
Figure 6: Serial Interface Timing Diagram
tlead
tSCKH
0.2VS
tlag
tH
tSCKL
0.2 VS
tSU
0.7VS
0.2VS
CS
SCLK
SI
0.7VS
tdt
0.7VS
Figure 7: Input Timing Diagram
tvalid
SCLK
CS
SO
tDis
0.2 VS
SO
0.7 VS
0.7 VVDO
0.2 VVDO
SO
0.7 V VDO
0.2 VVDO
SO Valid Time Waveforms
Enable and Disable Time Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com