Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7230R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE7230R
Description  Smart Octal Low-Side Switch Low Quiescent Current< 10關A Overvoltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7230R Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE7230R Datasheet HTML 1Page - Infineon Technologies AG TLE7230R Datasheet HTML 2Page - Infineon Technologies AG TLE7230R Datasheet HTML 3Page - Infineon Technologies AG TLE7230R Datasheet HTML 4Page - Infineon Technologies AG TLE7230R Datasheet HTML 5Page - Infineon Technologies AG TLE7230R Datasheet HTML 6Page - Infineon Technologies AG TLE7230R Datasheet HTML 7Page - Infineon Technologies AG TLE7230R Datasheet HTML 8Page - Infineon Technologies AG TLE7230R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet TLE 7230 R
V2.0
Page
2005-10-05
1
Smart Octal Low-Side Switch
Features
Product Summary
♦ Protection
Overload, short circuit
Overtemperature
Overvoltage
♦ Low Quiescent Current< 10µA
♦ 16 bit SPI (for Daisychain)
♦ Direct Parallel Control of Four Channels
♦ PWM input (demux)
♦ Parallel Inputs High or Low Active Programmable
♦ Programmable functions
Boolean operation
Overload behavior
Overtemperature behavior
Switching time
♦ General Fault Flag
♦ Digital Ports Compatible to 5V and 3,3 V Micro Controllers
♦ Electrostatic Discharge (ESD) Protection
♦ Full reverse current capability without latch up
Application
• µC-compatible 8-channel low-side switch
• Switch for Automotive and Industrial Applications
• Solenoids, Relays and Resistive Loads
General description
The TLE 7230 R is an Octal Low-Side Switch in Smart Power Technology (SPT) with a Serial Periph-
eral Interface (SPI) and eight open drain DMOS output stages. It is protected by embedded protection
functions and designed for automotive and industrial applications. The output stages are controlled via
an SPI Interface. Additionally, four channels can be controlled in parallel for PWM applications. These
features make the TLE 7230 R particularly suitable for engine management and body systems.
Detailed Block Diagram
Supply voltage
VS
4.5 – 5.5 V
Drain source clamping voltage VDS(AZ)max 60
V
On resistance
RON
0.8
Ω
Power P-DSO 36
RESET
FAULT
CS
Output Stage
Output Control
Buffer
Serial Interface
SPI
LOGIC
SCLK
SI
8
8
GND
VS
SO
1
4
IN1
IN2
IN3
IN4
OUT1
OUT8
PRG
VBB
VS
as Ch. 1
as Ch. 1
as Ch. 1
16
GND
Protection
Functions
VDO


Similar Part No. - TLE7230R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7230R INFINEON-TLE7230R Datasheet
798Kb / 16P
Smart Octal Low-Side Switch
V1.1 Oct. 2003
TLE7230R INFINEON-TLE7230R Datasheet
237Kb / 15P
Smart Octal Low-Side Switch Features Low Quiescent Current< 10關A
V3.4 2009-07-15
TLE7230R INFINEON-TLE7230R_09 Datasheet
237Kb / 15P
Smart Octal Low-Side Switch Features Low Quiescent Current< 10關A
V3.4 2009-07-15
More results

Similar Description - TLE7230R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6230GP INFINEON-TLE6230GP Datasheet
746Kb / 16P
Smart Octal Low-Side Switch?
V2.1 26. Aug. 2002 1
TLE6236G INFINEON-TLE6236G Datasheet
526Kb / 15P
Smart Octal Low-Side Switch
V2.1 26.Aug. 2002
TLE7230R INFINEON-TLE7230R Datasheet
798Kb / 16P
Smart Octal Low-Side Switch
V1.1 Oct. 2003
logo
Siemens Semiconductor G...
TLE4224-2 SIEMENS-TLE4224-2 Datasheet
215Kb / 8P
Smart Low-Side Switch
logo
YOBON TECHNOLOGIES,INC.
YB1900 YOBON-YB1900 Datasheet
436Kb / 8P
Ultra Low Quiescent Current Smart Load Switch
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
Ultra Low Quiescent Current Smart Load Switch
logo
Infineon Technologies A...
TDA6230GP INFINEON-TDA6230GP Datasheet
282Kb / 16P
Smart Octal Low-Side Switch Overtemperature Protection
V2.3 18. Nov. 2009
TLE7230R INFINEON-TLE7230R_09 Datasheet
237Kb / 15P
Smart Octal Low-Side Switch Features Low Quiescent Current< 10關A
V3.4 2009-07-15
TLE6230GP INFINEON-TLE6230GP_09 Datasheet
282Kb / 16P
Smart Octal Low-Side Switch
V2.3 Nov. 2009 1
logo
YOBON TECHNOLOGIES,INC.
YB1900C YOBON-YB1900C Datasheet
352Kb / 9P
Ultra Low Quiescent Current Smart Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com