Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9030LR1 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRF9030LR1
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9030LR1 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF9030LR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MRF9030LR1
3
RF Device Data
Freescale Semiconductor
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system)
Two-Tone Common-Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 945.0 MHz, f2 = 945.1 MHz)
Gps
18
19
—
dB
Two-Tone Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 945.0 MHz, f2 = 945.1 MHz)
η
37
41.5
—
%
3rd Order Intermodulation Distortion
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 945.0 MHz, f2 = 945.1 MHz)
IMD
—
-32.5
-28
dBc
Input Return Loss
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 945.0 MHz, f2 = 945.1 MHz)
IRL
—
-15.5
-9
dB
Two-Tone Common-Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 930.0 MHz, f2 = 930.1 MHz and f1 = 960.0 MHz,
f2 = 960.1 MHz)
Gps
—
19
—
dB
Two-Tone Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 930.0 MHz, f2 = 930.1 MHz and f1 = 960.0 MHz,
f2 = 960.1 MHz)
η
—
41.5
—
%
3rd Order Intermodulation Distortion
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 930.0 MHz, f2 = 930.1 MHz and f1 = 960.0 MHz,
f2 = 960.1 MHz)
IMD
—
-33
—
dBc
Input Return Loss
(VDD = 26 Vdc, Pout = 30 W PEP, IDQ = 250 mA,
f1 = 930.0 MHz, f2 = 930.1 MHz and f1 = 960.0 MHz,
f2 = 960.1 MHz)
IRL
—
-14
—
dB
Power Output, 1 dB Compression Point
(VDD = 26 Vdc, Pout = 30 W CW, IDQ = 250 mA,
f1 = 945.0 MHz)
P1dB
—
30
—
W
Common-Source Amplifier Power Gain
(VDD = 26 Vdc, Pout = 30 W CW, IDQ = 250 mA,
f1 = 945.0 MHz)
Gps
—
19
—
dB
Drain Efficiency
(VDD = 26 Vdc, Pout = 30 W CW, IDQ = 250 mA,
f1 = 945.0 MHz)
η
—
60
—
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com