Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9030LR1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF9030LR1
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9030LR1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF9030LR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
RF Device Data
Freescale Semiconductor
MRF9030LR1
TYPICAL CHARACTERISTICS
210
1010
TJ, JUNCTION TEMPERATURE (°C)
This above graph displays calculated MTTF in hours x ampere2
drain current. Life tests at elevated temperatures have correlated to
better than
±10% of the theoretical prediction for metal failure. Divide
MTTF factor by ID2 for MTTF in a particular application.
108
107
90
110
130
150
170
190
100
120
140
160
180
200
109
100
8
20
1
−60
60
Gps
η
IMD
Pout, OUTPUT POWER (WATTS) PEP
Figure 8. Power Gain, Efficiency and IMD
versus Output Power
18
40
16
20
14
0
12
−20
10
−40
10
VDD = 26 Vdc
IDQ = 250 mA
f1 = 945 MHz, f2 = 945.1 MHz
Figure 9. MTTF Factor versus Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com