Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9030LR1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF9030LR1
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9030LR1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF9030LR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9030LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MRF9030LR1
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistor
N-Channel Enhancement-Mode Lateral MOSFET
Designed for broadband commercial and industrial applications with frequen-
cies up to 1000 MHz. The high gain and broadband performance of this device
make it ideal for large-signal, common-source amplifier applications in 26 volt
base station equipment.
• Typical Two-Tone Performance at 945 MHz, 26 Volts
Output Power — 30 Watts PEP
Power Gain — 19 dB
Efficiency — 41.5%
IMD — -32.5 dBc
• Capable of Handling 10:1 VSWR, @ 26 Vdc, 945 MHz, 30 Watts CW
Output Power
Features
• Integrated ESD Protection
• Designed for Maximum Gain and Insertion Phase Flatness
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Low Gold Plating Thickness on Leads. L Suffix Indicates 40μ″ Nominal.
• RoHS Compliant
• In Tape and Reel. R1 Suffix = 500 Units per 32 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
- 0.5, +68
Vdc
Gate-Source Voltage
VGS
- 0.5, +15
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
92
0.53
W
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
1.9
°C/W
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M1 (Minimum)
Document Number: MRF9030
Rev. 8, 9/2008
Freescale Semiconductor
Technical Data
MRF9030LR1
945 MHz, 30 W, 26 V
LATERAL N-CHANNEL
BROADBAND
RF POWER MOSFET
CASE 360B-05, STYLE 1
NI-360
© Freescale Semiconductor, Inc., 2008. All rights reserved.


Similar Part No. - MRF9030LR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9030LR1 MOTOROLA-MRF9030LR1 Datasheet
547Kb / 12P
The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF9030LR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP2600H FREESCALE-MRF6VP2600H Datasheet
1Mb / 19P
RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com