Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC21 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FC21
Description  High-Frequency Amplifier, AM tuner RF Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC21 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FC21 Datasheet HTML 1Page - Sanyo Semicon Device FC21 Datasheet HTML 2Page - Sanyo Semicon Device FC21 Datasheet HTML 3Page - Sanyo Semicon Device FC21 Datasheet HTML 4Page - Sanyo Semicon Device FC21 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FC21
No.7021-3/5
7
5
3
2
7
5
3
10
2
5
23
57
10
23
1.0
Drain-to-Source Voltage, VDS -- V
Ciss -- VDS
ITR01981
500
400
300
100
200
0
0
20
40
60
80
100
160
120
140
PD -- Ta
Ambient Temperature, Ta --
°C
2
10
7
5
3
2
7
1.0
5
1.0
23
5
7
10
23
5
Crss -- VDS
Drain-to-Source Voltage, VDS -- V
ITR01982
ITR01983
VGS=0
f=1MHz
VGS=0
f=1MHz
[FET]
[FET]
[FET]
6
5
4
3
2
--1.0
100
7
5
4
3
VGS(off) -- IDSS
Drain Current, IDSS -- mA
ITR01965
5
3
10
7
2
5
35
4
100
7
yfs -- IDSS
Drain Current, IDSS -- mA
6
5
4
3
2
10
34
5
7
100
RDS(on) -- IDSS
Drain Current, IDSS -- mA
ITR01966
ITR01967
VDS=10V
f=1kHz
VDS=10V
IDSS=100µA
ID=10mA
VGS=0
yfs2(VGS
=0)
yfs1(I
D=10mA)
100
7
5
3
2
10
5
7
3
2
23
5
7
10
23
5
7
100
2
yfs -- ID
Drain Current, ID -- mA
ITR01968
IDSS
=40mA
55mA 75mA
VDS=10V
f=1kHz
[FET]
[FET]
[FET]
[FET]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com