Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC21 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FC21
Description  High-Frequency Amplifier, AM tuner RF Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC21 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FC21 Datasheet HTML 1Page - Sanyo Semicon Device FC21 Datasheet HTML 2Page - Sanyo Semicon Device FC21 Datasheet HTML 3Page - Sanyo Semicon Device FC21 Datasheet HTML 4Page - Sanyo Semicon Device FC21 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FC21
No.7021-1/5
Features
•
The FC21 contains both a 2SK1740 equivalent chip
and a 2SC2812 equivalent chip in the CP package,
thus realizes higher efficiency in device mounting
on the PCB.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7021
FC21
Package Dimensions
unit : mm
2122
[FC21]
TR : NPN Epitaxial Planar Silicon Transistor
FET : N-Channel Silicon Junction FET
High-Frequency Amplifier,
AM tuner RF Amplifier Applications
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
[FET]
Drain-to-Source Voltage
VDSX
40
V
Gate-to-Drain Voltage
VGDS
--40
V
Gate Current
IG
10
mA
Drain Current
ID
75
mA
Allowable Power Dissipation
PD
400
mW
[TR]
Collector-to-Base Voltage
VCBO
55
V
Collector-to-Emitter Voltage
VCEO
50
V
Emitter-to-Base Voltage
VEBO
6V
Collector Current
IC
150
mA
Collector Current(Pulse)
ICP
300
mA
Base Current
IB
30
mA
Collector Dissipation
PC
200
mW
[Common Ratings]
Total Dissipation
PT
600
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Marking : 1C
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
81001 TS IM TA-1526
1 : Collector
2 : Gate
3 : Source
4 : Emitter/Drain
5 : Base
SANYO : CP5
1.9
0.95 0.95
0.4
2.9
0 to 0.1
0.16
54
3
1
2


Similar Part No. - FC21

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
600mA Low Dropout CMOS Positive Voltage Regulator
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
CMOS Low Dropout Voltage ( LDO ) Regulator
logo
Suzhou HangJing Electro...
FC21M2 HANGJING-FC21M2 Datasheet
327Kb / 1P
TUNING FORK CRYSTAL IN SMD 2.0X1.2MM CERAMIC SEAM SEAL PACKAGE.
More results

Similar Description - FC21

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5902 SANYO-CPH5902 Datasheet
66Kb / 6P
High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
CPH5905 SANYO-CPH5905 Datasheet
54Kb / 5P
High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
MCH5908 SANYO-MCH5908 Datasheet
52Kb / 4P
High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
CPH5901 SANYO-CPH5901 Datasheet
106Kb / 6P
High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5905 SANYO-CPH5905_05 Datasheet
71Kb / 6P
High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5901 SANYO-CPH5901_12 Datasheet
534Kb / 8P
High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
2SK715 SANYO-2SK715_12 Datasheet
487Kb / 7P
AM Tuner, RF Amplifier Applications
logo
Toshiba Semiconductor
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com