Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC21 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FC21
Description  High-Frequency Amplifier, AM tuner RF Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FC21 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FC21 Datasheet HTML 1Page - Sanyo Semicon Device FC21 Datasheet HTML 2Page - Sanyo Semicon Device FC21 Datasheet HTML 3Page - Sanyo Semicon Device FC21 Datasheet HTML 4Page - Sanyo Semicon Device FC21 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FC21
No.7021-4/5
2
1.0
10
3
2
7
5
3
7
5
2
10
100
57
3
2
1.0
57
3
2
57
10
1.0
57
3
2
100
57
3
23
2
20
12
8
16
4
0
020
50
40
30
10
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
[TR]
[TR]
[TR]
[TR]
[TR]
[TR]
5
µA
10
µA
15
µA
20
µA
25µA
30µA
35µA
40µA
45µA
50µA
IT03592
IT03593
IT03595
IT03594
IT03596
10
100
57
3
2
1.0
57
3
23
2
f T -- IC
Collector Current, IC -- mA
VCE=6V
100
3
2
1000
7
5
3
2
7
5
2
100
1000
3
2
7
5
3
7
5
0.1
3
25
1.0
3
23
25
100
3
2
5
10
hFE -- IC
Collector Current, IC -- mA
VCE=6V
200
240
120
160
40
80
0
VCE=6V
0
0.2
0.4
0.6
0.8
1.0
1.2
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IB=0
Ta=75
°C
--25°C
25
°C
f=1MHz
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
IT03597
0.01
1.0
7
5
0.1
3
2
3
2
7
5
3
2
IC / IB=10
Collector Current, IC -- mA
VCE(sat) -- IC
Ambient Temperature, Ta --
°C
0
250
200
150
50
100
20
060
40
80
100
140
120
160
PC -- Ta
ITR10349
[TR]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com