Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH201 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # FH201
Description  VCO OSC Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH201 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  FH201 Datasheet HTML 1Page - Sanyo Semicon Device FH201 Datasheet HTML 2Page - Sanyo Semicon Device FH201 Datasheet HTML 3Page - Sanyo Semicon Device FH201 Datasheet HTML 4Page - Sanyo Semicon Device FH201 Datasheet HTML 5Page - Sanyo Semicon Device FH201 Datasheet HTML 6Page - Sanyo Semicon Device FH201 Datasheet HTML 7Page - Sanyo Semicon Device FH201 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FH201
No.6117–3/8
2
4
6
8
10
0
1.0
57
10
23
5
7
2
3
S21e2 -- IC
10
12
14
16
8
6
4
2
0
NF -- IC
VCE=5V
f=1GHz
VCE=5V
f=1GHz
23
5
7
1.0
23
5
7
10
23
5
[Tr1]
[Tr1]
[Tr1]
120
80
60
100
40
220
180
160
150
200
140
20
0
0
160
140
120
100
80
60
40
20
PC -- Ta
IT00339
IT00341
IT00340
Collector Current, IC –mA
Collector Current, IC –mA
Total
dissipation
1 unit
Ambient Temperature, Ta –
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com