Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH201 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FH201
Description  VCO OSC Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH201 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FH201 Datasheet HTML 1Page - Sanyo Semicon Device FH201 Datasheet HTML 2Page - Sanyo Semicon Device FH201 Datasheet HTML 3Page - Sanyo Semicon Device FH201 Datasheet HTML 4Page - Sanyo Semicon Device FH201 Datasheet HTML 5Page - Sanyo Semicon Device FH201 Datasheet HTML 6Page - Sanyo Semicon Device FH201 Datasheet HTML 7Page - Sanyo Semicon Device FH201 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FH201
No.6117–4/8
S parameter [Tr1]
j50
j25
j10
0
10
25
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100
150
250
V
CE =5V
IC=7mA
VCE=5V
IC=2mA
0.2GHz
50
IT00342
90°
120°
150°
±180°
--150°
--120°
--90°
--30°
--60°
0
60°
30°
10
8
6
4
2
0.2GHz
0.2GHz
2.0GHz
V
CE =5V
IC=7mA
V CE
=5V
I C
=2mA
IT00343
90°
120°
150°
±180°
--150°
--120°
--90°
--30°
--60°
0
60°
30°
0.04 0.08 0.12 0.16 0.2
V CE
=5V
I C
=2mA
IT00344
j50
j25
j10
0
10
25
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100
150
250
VCE=5V
IC=7mA
VCE=5V
IC=2mA
2.0GHz
50
IT00345
VCE=5V
f=200MHz to 2000MHz(200MHz Step)
S11e
VCE=5V
f=200MHz to 2000MHz(200MHz Step)
S12e
VCE=5V
f=200MHz to 2000MHz(200MHz Step)
S22e
VCE=5V
f=200MHz to 2000MHz(200MHz Step)
S21e



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com