Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH201 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # FH201
Description  VCO OSC Circuit Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FH201 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  FH201 Datasheet HTML 1Page - Sanyo Semicon Device FH201 Datasheet HTML 2Page - Sanyo Semicon Device FH201 Datasheet HTML 3Page - Sanyo Semicon Device FH201 Datasheet HTML 4Page - Sanyo Semicon Device FH201 Datasheet HTML 5Page - Sanyo Semicon Device FH201 Datasheet HTML 6Page - Sanyo Semicon Device FH201 Datasheet HTML 7Page - Sanyo Semicon Device FH201 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FH201
No.6117–5/8
S Parameters (Common emitter) [Tr1]
VCE=5V, IC=2mA, ZO=50Ω
VCE=5V, IC=7mA, ZO=50Ω
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
22
1
9
.
06
.
7
1
–4
6
7
.
55
.
1
6
14
3
0
.
00
.
9
74
7
9
.
03
.
0
1
–
0
0
45
3
8
.
00
.
3
3
–2
8
2
.
55
.
5
4
15
6
0
.
09
.
9
69
1
9
.
02
.
9
1
–
0
0
62
4
7
.
09
.
6
4
–3
5
7
.
42
.
1
3
18
8
0
.
08
.
2
60
5
8
.
03
.
6
2
–
0
0
89
4
6
.
09
.
8
5
–8
6
2
.
44
.
9
1
17
0
1
.
09
.
7
59
8
7
.
06
.
1
3
–
0
0
0
18
7
5
.
07
.
8
6
–0
4
8
.
34
.
9
0
11
2
1
.
05
.
4
50
4
7
.
05
.
5
3
–
0
0
2
12
1
5
.
01
.
8
7
–0
4
4
.
35
.
0
0
14
3
1
.
02
.
2
58
9
6
.
09
.
8
3
–
0
0
4
15
4
4
.
03
.
6
8
–3
2
1
.
35
.
2
95
4
1
.
03
.
0
54
6
6
.
06
.
1
4
–
0
0
6
10
0
4
.
00
.
3
9
–6
3
8
.
22
.
5
84
5
1
.
02
.
9
48
3
6
.
03
.
4
4
–
0
0
8
19
5
3
.
05
.
8
9
–8
8
5
.
20
.
9
74
6
1
.
04
.
8
45
1
6
.
03
.
6
4
–
0
0
0
29
1
3
.
06
.
6
0
1
–7
9
2
.
20
.
3
74
7
1
.
09
.
7
41
0
6
.
03
.
8
4
–
)
z
H
M
(
q
e
r
FS
|
1
1 |
∠ S 1
1
S
|
1
2 |
∠ S 1
2
S
|
2
1 |
∠ S 2
1
S
|
2
2 |
∠ S 2
2
0
0
21
2
7
.
01
.
5
3
–2
6
2
.
2
11
.
7
4
10
3
0
.
08
.
2
70
0
9
.
09
.
6
1
–
0
0
45
5
5
.
09
.
9
5
–5
4
4
.
99
.
4
2
10
5
0
.
04
.
4
63
6
7
.
06
.
5
2
–
0
0
68
2
4
.
05
.
7
7
–0
9
2
.
72
.
0
1
15
6
0
.
09
.
1
66
6
6
.
03
.
9
2
–
0
0
84
4
3
.
09
.
9
8
–7
7
8
.
51
.
0
0
18
7
0
.
05
.
1
61
1
6
.
01
.
1
3
–
0
0
0
11
9
2
.
06
.
0
0
1
–1
1
9
.
41
.
2
91
9
0
.
07
.
1
63
8
5
.
05
.
2
3
–
0
0
2
14
5
2
.
09
.
0
1
1
–3
2
2
.
41
.
5
84
0
1
.
05
.
1
63
6
5
.
01
.
4
3
–
0
0
4
11
2
2
.
04
.
1
2
1
–3
0
7
.
30
.
9
77
1
1
.
06
.
1
61
5
5
.
07
.
5
3
–
0
0
6
17
9
1
.
09
.
8
2
1
–4
9
2
.
36
.
3
79
2
1
.
06
.
1
60
4
5
.
08
.
7
3
–
0
0
8
18
7
1
.
07
.
6
3
1
–6
4
9
.
25
.
8
63
4
1
.
01
.
1
60
3
5
.
07
.
9
3
–
0
0
0
21
7
1
.
06
.
8
4
1
–2
9
6
.
28
.
3
67
5
1
.
07
.
0
69
2
5
.
07
.
1
4
–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com