Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF21045LSR3 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MRF21045LSR3
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21045LSR3 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MRF21045LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
RF Device Data
Freescale Semiconductor
MRF21045LR3 MRF21045LSR3
TYPICAL CHARACTERISTICS
29
34
42
24
--32
--24
η
IMD
IDQ = 500 mA
Pout = 45 W (PEP)
f1 = 2135 MHz, f2 = 2145 MHz
41
--25
40
--26
39
--27
38
--28
37
--29
36
--30
35
--31
28
27
26
25
60
12.5
15.5
2
0
60
Gps
η
VDD = 28 Vdc
IDQ = 500 mA
f = 2170 MHz
15
50
14.5
40
14
30
13.5
20
13
10
50
30
10
8
6
4
2190
14
28
2090
--45
--10
IRL
Gps
η
ACPR
IM3
VDD = 28 Vdc, Pout = 10 W (Avg.), IDQ = 500 mA
2--Carrier W--CDMA, 10 MHz Carrier Spacing
3.84 MHz Channel Bandwidth
Peak/Avg. = 8.3 dB @ 0.01% Probability (CCDF)
26
--15
24
--20
22
--25
20
--30
18
--35
16
--40
2170
2150
2130
2110
60
--65
--25
3
5
45
7th Order
η
3rd Order
5th Order
--30
--35
--40
--45
--50
--55
--60
40
35
30
25
20
15
10
4
6
8
10
50
30
Figure 3. 2-Carrier W-CDMA ACPR, IM3,
Power Gain and Drain Efficiency versus
Output Power
Pout, OUTPUT POWER (WATTS) PEP
Figure 4. Intermodulation Distortion Products
versus Output Power
f, FREQUENCY (MHz)
Figure 5. Intermodulation Distortion versus
Output Power
Figure 6. 2--Carrier W--CDMA Broadband
Performance
Pout, OUTPUT POWER (WATTS) PEP
Pout, OUTPUT POWER (WATTS)
VDD, DRAIN SUPPLY (V)
Figure 7. CW Performance
60
--50
--25
4
--30
--35
--40
--45
50
30
10
8
6
IDQ = 300 mA
700 mA
VDD = 28 Vdc
f1 = 2135 MHz
f2 = 2145 MHz
600 mA
400 mA
500 mA
20
0
30
0.5
--55
--25
Gps
η
ACPR
IM3
Pout, OUTPUT POWER (WATTS Avg.) W--CDMA
--35
--30
--45
--40
--50
25
20
15
10
5
10
1
Figure 8. Two--Tone Intermodulation Distortion
and Drain Efficiency versus Drain Supply
VDD = 28 Vdc, IDQ = 500 mA
f1 = 2135 MHz, f2 = 2145 MHz
VDD = 28 Vdc, IDQ = 500 mA
f1 = 2135 MHz, f2 = 2145 MHz
3.84 MHz Channel Bandwidth
Peak/Avg. = 8.3 dB @ 0.01% Probability (CCDF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com