Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF21045LSR3 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF21045LSR3
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21045LSR3 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF21045LSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MRF21045LR3 MRF21045LSR3
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N--Channel Enhancement--Mode Lateral MOSFETs
Designed for W--CDMA base station applications with frequencies from 2110
to 2170 MHz. Suitable for TDMA, CDMA and multicarrier amplifier applica-
t i o n s . To b e u s e d i n C l a s s A B f o r P C N -- P C S / c e l l u l a r r a d i o a n d W L L
applications.
•
Typical 2--carrier W--CDMA Performance for VDD = 28 Volts, IDQ = 500 mA,
f = 2157.5 MHz, Channel Bandwidth = 3.84 MHz, Adjacent Channels
measured over 3.84 MHz Bandwidth at f1 --5 MHz and f2 +5 MHz,
Distortion Products measured over a 3.84 MHz Bandwidth at f1 --10 MHz
and f2 +10 MHz, Peak/Avg. = 8.3 dB @ 0.01% Probability on CCDF.
Output Power — 10 Watts Avg.
Efficiency — 23.5%
Gain — 15 dB
IM3 — --37.5 dBc
ACPR — --41 dBc
•
Capable of Handling 5:1 VSWR, @ 28 Vdc, 2140 MHz, 45 Watts CW
Output Power
Features
•
Internally Matched for Ease of Use
•
High Gain, High Efficiency and High Linearity
•
Integrated ESD Protection
•
Designed for Maximum Gain and Insertion Phase Flatness
•
Excellent Thermal Stability
•
Characterized with Series Equivalent Large--Signal Impedance Parameters
•
Low Gold Plating Thickness on Leads, 40µ″ Nominal.
•
RoHS Compliant
•
In Tape and Reel. R3 Suffix = 250 Units per 32 mm, 13 Inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +65
Vdc
Gate--Source Voltage
VGS
--0.5, +15
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
105
0.60
W
W/°C
Storage Temperature Range
Tstg
--65 to +150
°
C
Case Operating Temperature
TC
150
°
C
Operating Junction Temperature
TJ
200
°
C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1)
Unit
Thermal Resistance, Junction to Case
RθJC
1.65
°
C/W
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M2 (Minimum)
1. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Document Number: MRF21045
Rev. 12, 10/2008
Freescale Semiconductor
Technical Data
MRF21045LR3
MRF21045LSR3
2110--2170 MHz, 45 W, 28 V
LATERAL N--CHANNEL
RF POWER MOSFETs
CASE 465E--04, STYLE 1
NI--400
MRF21045LR3
CASE 465F--04, STYLE 1
NI--400S
MRF21045LSR3
©
Freescale Semiconductor, Inc., 2008. All rights reserved.


Similar Part No. - MRF21045LSR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF21045LSR3 MOTOROLA-MRF21045LSR3 Datasheet
550Kb / 12P
RF Power Field Effect Transistors
logo
Freescale Semiconductor...
MRF21045LSR3 FREESCALE-MRF21045LSR3 Datasheet
383Kb / 12P
RF Power Field Effect Transistors
More results

Similar Description - MRF21045LSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1 Datasheet
701Kb / 20P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S19150HR3 FREESCALE-MRF5S19150HR3 Datasheet
439Kb / 12P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF8S9100HR3 FREESCALE-MRF8S9100HR3 Datasheet
300Kb / 14P
RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com