Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF21045LSR3 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF21045LSR3
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF21045LSR3 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF21045LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF21045LSR3 Datasheet HTML 11Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MRF21045LR3 MRF21045LSR3
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
30
--55
--25
0.1
7th Order
VDD = 28 Vdc
Pout = 45 W (PEP)
IDQ = 500 mA
f1 = 2140 MHz -- ∆f/2, f2 = 2140 MHz + ∆f/2
5th Order
3rd Order
10
1
--30
--35
--40
--45
--50
2190
10
40
2090
--40
--10
IRL
Gps
η
IMD
VDD = 28 Vdc
Pout = 45 W (PEP)
IDQ = 500 mA
f1 = f -- 5 MHz, f2 = f + 5 MHz
35
--15
30
--20
25
--25
20
--30
15
--35
2170
2150
2130
2110
60
14
16
4
IDQ = 700 mA
600 mA
VDD = 28 Vdc
f1 = 2135 MHz
f2 = 2145 MHz
15.5
15
14.5
50
30
10
8
6
500 mA
400 mA
300 mA
Pout, OUTPUT POWER (WATTS) PEP
Figure 9. Two-Tone Power Gain versus
Output Power
Figure 10. Two-Tone Broadband Performance
f, FREQUENCY (MHz)
Figure 11. Intermodulation Distortion
Products versus Two--Tone Spacing
∆f, TONE SEPARATION (MHz)
W--CDMA TEST SIGNAL
Figure 12. 2-Carrier W-CDMA Spectrum
f, FREQUENCY (MHz)
3.84 MHz
Channel BW
--IM3 in
3.84 MHz BW
+IM3 in
3.84 MHz BW
--ACPR in
3.84 MHz BW
+ACPR in
3.84 MHz BW
+20
+30
0
--10
--40
--50
--60
--70
--80
--20
20
5
15
10
0
--5
--10
--15
--20
--25
25
--30



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com