Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8102RM Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MSC8102RM
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102RM Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MSC8102RM Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
AC Timings
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
2-19
2.5.8
UART Timing
2.5.9
Timer Timing
Table 2-19.
UART Timing
No.
Characteristics
Expression
Min
Max
Unit
400
URXD and UTXD inputs high/low duration
16
× TREFCLK
160.0
—
ns
401
URXD and UTXD inputs rise/fall time
10
ns
402
UTXD output rise/fall time
10
ns
Figure 2-15.
UART Input Timing
Figure 2-16.
UART Output Timing
Table 2-20.
Timer Timing
No.
Characteristics
Min.
Max
Unit
500
TIMERx frequency
10.9
—
ns
501
TIMERx Input high period
4.0
—
ns
502
TIMERx output low period
4.0
—
ns
503
TIMERx propagations delay from its clock input
3.3
10.0
ns
Figure 2-17.
Timer Timing
UTXD, URXD
400
inputs
400
401
401
UTXD output
402
402
500
502
501
TIMERx (Input)
TIMERx (Output)
503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com