Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8102RM Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MSC8102RM
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102RM Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MSC8102RM Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 9Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 10Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 11Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
MSC8102, Rev. 12
viii
Freescale Semiconductor
Table 7. Power and Packaging
Feature
Description
Reduced Power
Dissipation
• Low power CMOS design.
• Separate power supply for internal logic () and I/O (3.3 V).
• Low-power standby modes.
• Optimized power management circuitry (instruction-dependent, peripheral-dependent, and mode-
dependent).
Packaging
• 0.8 mm pitch High Temperature Coefficient for Expansion Flip-Chip Ceramic Ball-Grid Array (CBGA
(HCTE)).
• 431-connection (ball).
•20 mm
× 20 mm.
Table 8. Software Support
Feature
Description
Real-Time
Operating System
(RTOS)
The real-time operating system (RTOS) fully supports device architecture (multi-core, memory hierarchy,
ICache, timers, DMA, interrupts, peripherals), as follows:
• High-performance and deterministic, delivering predictive response time.
• Optimized to provide low interrupt latency with high data throughput.
• Preemptive and priority-based multitasking.
• Fully interrupt/event driven.
• Small memory footprint.
• Comprehensive set of APIs.
• Fully supports DMA controller, interrupts, and timer schemes.
Multi-Core Support
• Enables use of one instance of kernel code all four SC140 cores.
• Dynamic and static memory allocation from local memory (M1) and shared memory (M2).
Distributed System
Support
Enables transparent inter-task communications between tasks running inside the SC140 cores and the
other tasks running in on-board devices or remote network devices:
• Messaging mechanism between tasks using mailboxes and semaphores.
• Networking support; data transfer between tasks running inside and outside the device using networking
protocols.
• Includes integrated device drivers for such peripherals as TDM, UART, and external buses.
Software Support
• Incorporates task debugging utilities integrated with compilers and vendors.
• Board support package (BSP) for the application development system (ADS).
• Integrated Development Environment (IDE):
• C/C++ compiler with in-line assembly. Enables the developer to generate highly optimized
DSP code. It translates code written in C/C++ into parallel fetch sets and maintains high
code density.
• Librarian. Enables the user to create libraries for modularity.
• C libraries. A collection of C/C++ functions for the developer’s use.
• Linker. Highly efficient linker to produce executables from object code.
• Debugger. Seamlessly integrated real-time, non-intrusive multi-mode debugger that
enables debugging of highly optimized DSP algorithms. The developer can choose to
debug in source code, assembly code, or mixed mode.
• Simulator. Device simulation models, enables design and simulation before the hardware
arrival.
• Profiler. An analysis tool using a patented Binary Code Instrumentation (BCI) technique that
enables the developer to identify program design inefficiencies.
• Version control. CodeWarrior® includes plug-ins for ClearCase, Visual SourceSafe, and
CVS.
Boot Options
• External memory.
• External host.
•UART.
•TDM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com