Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8102RM Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MSC8102RM
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102RM Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MSC8102RM Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8102RM Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
Freescale Semiconductor
Technical Data
MSC8102
Rev. 12, 4/2005
© Freescale Semiconductor, Inc., 2002, 2005. All rights reserved.
MSC8102
Quad Core 16-Bit Digital Signal Processor
The MSC8102 is a highly integrated system-on-a-chip that combines four StarCore™ SC140 extended cores with
an RS-232 serial interface, four time-division multiplexed (TDM) serial interfaces, thirty-two general-purpose
timers, a flexible system interface unit (SIU), and a multi-channel DMA engine. The four extended cores can
deliver a total 4400 DSP MMACS performance at 275 MHz. Each core has four arithmetic logic units (ALUs),
internal memory, a write buffer, and two interrupt controllers. The MSC8102 targets high-bandwidth highly
computational DSP applications and is optimized for wireless transcoding and packet telephony as well as high-
bandwidth base station applications. The MSC8102 delivers enhanced performance while maintaining low power
dissipation and greatly reducing system cost.
Figure 1. MSC8102 Block Diagram
MQBus
SQBus
Local Bus
128
128
Boot
ROM
64
PLL
JTAG
RS-232
Internal Local Bus
Internal System Bus
IPBus
IP Master
64
64
UART
Memory
Controller*
M2
RAM
GPIO Pins
Interrupts
Memory
Controller*
System Bus
32/64
DSI Port
32
32/64
PLL/Clock
JTAG Port
SC140
Extended Core
SC140
Extended Core
SC140
Extended Core
System
Interface
32 Timers
4 TDMs
SC140
Extended Core
DMA
60x-compatible
Bridge
SIU
Registers
Direct
Slave
Interface
(DSI)
8 Hardware
Semaphores
GIC
GPIO
*There is a single memory controller that controls access to both the local bus and the system bus.
The raw processing power of
this highly integrated system-
on-a-chip device enables
developers to create next-
generation networking
products that offer
tremendous channel
densities, while maintaining
system flexibility, scalability,
and upgradeability. The
MSC8102 is offered in two
core speed levels: 250 and
275 MHz.
What’s New?
Rev. 12 includes the following
changes:
• New Section 2.5.2 adds start-
up sequence timing.


Similar Part No. - MSC8102RM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC81020 STMICROELECTRONICS-MSC81020 Datasheet
89Kb / 5P
RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
Oct-1992
More results

Similar Description - MSC8102RM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
D950-CORE STMICROELECTRONICS-D950-CORE Datasheet
560Kb / 89P
16-Bit Fixed Point Digital Signal Processor DSP Core
04-Sep-1997
logo
Freescale Semiconductor...
MSC8144 FREESCALE-MSC8144 Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8122 FREESCALE-MSC8122 Datasheet
2Mb / 88P
Quad Core 16-Bit Digital Signal Processor
MSC8144E FREESCALE-MSC8144E Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8144EC FREESCALE-MSC8144EC Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8154 FREESCALE-MSC8154 Datasheet
913Kb / 68P
Quad-Core Digital Signal Processor
MSC8154E FREESCALE-MSC8154E Datasheet
915Kb / 68P
Quad-Core Digital Signal Processor with Security
MSC8254 FREESCALE-MSC8254 Datasheet
913Kb / 68P
Quad-Core Digital Signal Processor
MSC8154 FREESCALE-MSC8154_11 Datasheet
886Kb / 68P
Quad-Core Digital Signal processor
MSC8254 FREESCALE-MSC8254_11 Datasheet
886Kb / 68P
Quad-Core Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com