Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV7231 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7231
Description  Hex Window Comparator with 1.5 Precision and 400mV Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7231 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV7231 Datasheet HTML 1Page - National Semiconductor (TI) LMV7231 Datasheet HTML 2Page - National Semiconductor (TI) LMV7231 Datasheet HTML 3Page - National Semiconductor (TI) LMV7231 Datasheet HTML 4Page - National Semiconductor (TI) LMV7231 Datasheet HTML 5Page - National Semiconductor (TI) LMV7231 Datasheet HTML 6Page - National Semiconductor (TI) LMV7231 Datasheet HTML 7Page - National Semiconductor (TI) LMV7231 Datasheet HTML 8Page - National Semiconductor (TI) LMV7231 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2000V
Machine Model
200V
Supply Voltage
6V
Voltage at Input/Output Pin
6V to (GND − 0.3V)
Output Current
10mA
Total Package Current
50mA
Storage Temp Range
−65°C to +150°C
Junction Temperature (Note 3)
150°C
For soldering specifications:
see product folder at www.national.com and
www.national.com/ms/MS/MS-SOLDERING.pdf
Operating Ratings (Note 1)
Supply Voltage
2.2V to 5.5V
Junction Temperature Range
 (Note 3)
−40°C to +125°C
Package Thermal Resistance,
θ
JA
24 Lead LLP
38°C/W
+3.3V Electrical Characteristics Unless otherwise specified, all limits guaranteed for T
A = 25°C, V+ = 3.3V
±10%, GND = 0V, and R
L > 1MΩ. Boldface limits apply for TA = –10°C to +70°C.
Symbol
Parameter
Condition
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)ns
Units
V
THR
Threshold: Input Rising
R
L = 10kΩ
394
391.4
400
406
408.6
mV
V
THF
Threshold: Input Falling
R
L = 10kΩ
386
383.8
394
401
403.2
mV
V
HYST
Hysteresis (V
THR − VTHF)
R
L = 10kΩ
3.9
6.0
8.8
mV
I
BIAS
Input Bias Current
V
IN = V+, GND, and 5.5V
–5
–15
0.05
5
15
nA
V
OL
Output Low Voltage
I
L = 5mA
160
200
250
mV
I
OFF
Output Leakage Current
V
OUT = V+, 5.5V and 40mV
of overdrive
0.4
1
μA
t
PDHL1
High-to-Low Propagation Delay (+IN
falling)
10mV of overdrive
2.6
6
μs
t
PDHL2
High-to-Low Propagation Delay (-IN
rising)
10mV of overdrive
5.4
10
μs
t
PDLH1
Low-to-High Propagation Delay (+IN
rising)
10mV of overdrive
5.6
10
μs
t
PDLH2
Low-to-High Propagation Delay (-IN
falling)
10mV of overdrive
2.8
6
μs
t
r
Output Rise Time
C
L= 10pF, RL= 10kΩ
0.5
μs
t
f
Output Fall Time
C
L = 100pF, RL = 10kΩ
0.25
0.3
μs
I
IN(1)
Digital Input Logic “1” Leakage Current
0.2
1
μA
I
IN(0)
Digital Input Logic “0” Leakage Current
0.2
1
μA
V
IH
Digital Input Logic “1” Voltage
0.70 × V+
V
V
IL
Digital Input Logic “0” Voltage
0.30 × V+
V
I
S
Power Supply Current
No loading (outputs high)
46
60
84
μA
V
THPSS
V
TH Power Supply Sensitivity
(Note 6)
V+ Ramp Rate = 1.1ms
V+ Step = 2.5V to 4.5V
+400
μV
V+ Ramp Rate = 1.1ms
V+ Step = 4.5V to 2.5V
–400
μV
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com