Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV7231 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7231
Description  Hex Window Comparator with 1.5 Precision and 400mV Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7231 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV7231 Datasheet HTML 1Page - National Semiconductor (TI) LMV7231 Datasheet HTML 2Page - National Semiconductor (TI) LMV7231 Datasheet HTML 3Page - National Semiconductor (TI) LMV7231 Datasheet HTML 4Page - National Semiconductor (TI) LMV7231 Datasheet HTML 5Page - National Semiconductor (TI) LMV7231 Datasheet HTML 6Page - National Semiconductor (TI) LMV7231 Datasheet HTML 7Page - National Semiconductor (TI) LMV7231 Datasheet HTML 8Page - National Semiconductor (TI) LMV7231 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Pin Descriptions
Pin
Symbol
Type
Description
1
-IN1
Analog Input
Negative input for window comparator 1.
2
+IN1
Analog Input
Positive input for window comparator 1.
3
-IN2
Analog Input
Negative input for window comparator 2.
4
+IN2
Analog Input
Positive input for window comparator 2.
5
-IN3
Analog Input
Negative input for window comparator 3.
6
+IN3
Analog Input
Positive input for window comparator 3.
7
-IN4
Analog Input
Negative input for window comparator 4.
8
+IN4
Analog Input
Positive input for window comparator 4.
9
-IN5
Analog Input
Negative input for window comparator 5.
10
+IN5
Analog Input
Positive input for window comparator 5.
11
-IN6
Analog Input
Negative input for window comparator 6.
12
+IN6
Analog Input
Positive input for window comparator 6.
13
RESERVED
Digital Input
Connect to GND.
14
GND
Power
Ground reference pin for the power supply voltage.
15
COPOL
Digital Input
The state of this pin determines whether the CO1-CO6 pins
are active “HIGH” or “LOW”. When tied LOW the CO1-CO6
outputs will go LOW to indicate an out of window
comparison.
16
AOSEL
Digital Input
The state of this pin determines whether the AO pin is active
on an over-voltage or under-voltage event. When tied LOW
the AO output will be active upon an over-voltage event.
17
AO
Open-Drain NMOS
Digital Output
This output is the ANDED combination of either the over-
voltage comparator outputs or the under-voltage
comparator outputs and is controlled by the state of the
AOSEL. AO pin is active “LOW”.
18
CO6
Open-Drain NMOS
Digital Output
Window comparator 6 NMOS open-drain output.
19
CO5
Open-Drain NMOS
Digital Output
Window comparator 5 NMOS open-drain output.
20
CO4
Open-Drain NMOS
Digital Output
Window comparator 4 NMOS open-drain output.
21
CO3
Open-Drain NMOS
Digital Output
Window comparator 3 NMOS open-drain output.
22
CO2
Open-Drain NMOS
Digital Output
Window comparator 2 NMOS open-drain output.
23
CO1
Open-Drain NMOS
Digital Output
Window comparator 1 NMOS open-drain output.
24
V+
Power
Power supply pin.
DAP
DAP
Thermal Pad
Die Attach Paddle (DAP) connect to GND.
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
24−Pin LLP
NOPB
LMV7231SQ
L7231SQ
1000 Units Tape and Reel
SQA24A
LMV7231SQE
250 Units Tape and Reel
LMV7231SQX
4500 Units Tape and Reel
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com