Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV7231 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7231
Description  Hex Window Comparator with 1.5 Precision and 400mV Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7231 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMV7231 Datasheet HTML 8Page - National Semiconductor (TI) LMV7231 Datasheet HTML 9Page - National Semiconductor (TI) LMV7231 Datasheet HTML 10Page - National Semiconductor (TI) LMV7231 Datasheet HTML 11Page - National Semiconductor (TI) LMV7231 Datasheet HTML 12Page - National Semiconductor (TI) LMV7231 Datasheet HTML 13Page - National Semiconductor (TI) LMV7231 Datasheet HTML 14Page - National Semiconductor (TI) LMV7231 Datasheet HTML 15Page - National Semiconductor (TI) LMV7231 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Application Information
3 RESISTOR VOLTAGE DIVIDER SELECTION
The LMV7231 trip points can be set by external resistor di-
viders as shown in Figure 1
30114953
FIGURE 1. External Resistor Dividers
Each trip point, over-voltage, V
OV, and under-voltage, VUV,
can be optimized for a falling supply, V
THF, or a rising supply,
V
THR. Therefore there are 2
2 = 4 different optimization cases.
Exiting the voltage detection window (Figure 2), entering the
window (Figure 3), rising into and out of the window (Figure
4), falling into and out of the window (Figure 5). Note that for
each case each trip point can be optimized for either a rising
or falling signal, not both. The governing equations make it
such that if the same resistor, R3, and over/under-voltage ra-
tio, V
OV/VUV, is used across the channels the same nominal
current will travel through the resistor ladder. As a result R2
will also be the same across channels and only R1 needs to
change to set voltage detection window maximizing reuse of
resistor values and minimizing design complexity. Select the
R3 resistor value to be below 100k
Ω so the current through
the divider ladder is much greater than the LMV7231 bias
current. If the current traveling through the resistor divider is
on the same magnitude of the LMV7231 I
BIAS, the IBIAS current
will create error in your circuit and cause trip voltage shifts.
Keep in mind the greatest error due to I
BIAS will be caused
when that current passes through the greatest equivalent re-
sistance, REQ = R1‖(R2+R3), which will be seen by the
positive input of the window comparator, +IN.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com