Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG15241HT1 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MMG15241HT1
Description  Enhancement Mode pHEMT Technology (E-pHEMT)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG15241HT1 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MMG15241HT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
RF Device Data
Freescale Semiconductor
MMG15241HT1
50 OHM APPLICATION CIRCUIT: 2140 MHz
Figure 4. MMG15241HT1 Test Circuit Schematic
RF
OUTPUT
RF
INPUT
VSUPPLY
C4
C6
Z1
Z2
C2
Z6
Z7
C3
L1
Z3
DUT
Z1
0.026″ x 0.021″ Microstrip
Z2
0.168″ x 0.021″ Microstrip
Z3
0.030″ x 0.044″ Microstrip
Z4
0.200″ x 0.042″ Microstrip
Z5
0.030″ x 0.044″ Microstrip
Z6
0.172″ x 0.021″ Microstrip
Z7
0.353″ x 0.021″ Microstrip
Z5
C1
Z4
C5
Table 8. MMG15241HT1 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1
1.5 pF Chip Capacitor
GJM1555C1H1R5CB01D
Murata
C2
0.8 pF Chip Capacitor
GJM1555C1HR80BB01D
Murata
C3
0.7 pF Chip Capacitor
GJM1555C1HR70BB01D
Murata
C4
56 pF Chip Capacitor
GRM188RC1H560GA01D
Murata
C5
0.1 μF Chip Capacitor
GRM188R71H104KA93D
Murata
C6
5.6 pF Chip Capacitor
GJM1555C1H5R6DB01D
Murata
L1
30 nH Chip Inductor
0603CS--30NXJLW
Coilcraft
PCB
0.010″, εr = 3.38, Multilayer
IS680--338
Isola



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com