Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG15241HT1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMG15241HT1
Description  Enhancement Mode pHEMT Technology (E-pHEMT)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG15241HT1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMG15241HT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
RF Device Data
Freescale Semiconductor
MMG15241HT1
50 OHM APPLICATION CIRCUIT: 900 MHz
Figure 13. MMG15241HT1 Test Circuit Schematic
RF
OUTPUT
RF
INPUT
VSUPPLY
C3
C4
C5
Z1
C1
C2
R1
L1
Z3
Z2
DUT
Z1
0.041″ x 0.058″ Microstrip
Z2
0.112″ x 0.058″ Microstrip
Z3
0.090″ x 0.058″ Microstrip
Z4
0.085″ x 0.058″ Microstrip
Z4
L2
Table 9. MMG15241HT1 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1
3.9 pF Chip Capacitor
GQM1885C2A3R9CB01
Murata
C2
0.6 pF Chip Capacitor
GQM1885C2AR60CB01
Murata
C3, C5
56 pF Chip Capacitors
GRM188RC1H560GA01D
Murata
C4
0.1 μF Chip Capacitor
GRM188R71H104KA93D
Murata
L1
30 nH Chip Inductor
0603CS--30NXJLW
Coilcraft
L2
6.8 nH Chip Inductor
0603CS--6N8XJLW
Coilcraft
R1
0 Ω, 1 A Chip Resistor
ERJ3GEY0R00V
Panasonic
PCB
0.031″, εr =4.1
Getek Grade ML200C
GE Electromaterials
Figure 14. MMG15241HT1 Test Circuit Component Layout
C1
L1
C5
R1
C4
C3
SOT--89--3A
Rev. 0
L2
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com