Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG15241HT1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMG15241HT1
Description  Enhancement Mode pHEMT Technology (E-pHEMT)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG15241HT1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMG15241HT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MMG15241HT1
1
RF Device Data
Freescale Semiconductor
Enhancement Mode pHEMT
Technology (E--pHEMT)
High Linearity Amplifier
The MMG15241H is a high dynamic range, low noise amplifier MMIC, housed
in a SOT--89 standard plastic package. It is ideal for Cellular, PCS, LTE,
TD--SCDMA, W--CDMA base station, wireless LAN and other systems in the
500 to 2800 MHz frequency range. With high OIP3 and low noise figure, it can
be utilized as a driver amplifier in the transmit chain and as a second stage LNA
in the receive chain
.
Features
• Frequency: 500--2800 MHz
• Noise Figure: 1.6 dB @ 2140 MHz
• P1dB: 24 dBm @ 2140 MHz
• Small--Signal Gain: 15.9 dB @ 2140 MHz
• Third Order Output Intercept Point: 39.4 dBm @ 2140 MHz
• Single 5 Volt Supply
• Supply Current: 85 mA
• 50 Ohm Operation (some external matching required)
• Low Cost SOT--89 Surface Mount Package
• RoHS Compliant
• In Tape and Reel. T1 Suffix = 1000 Units, 12 mm Tape Width, 7 inch Reel.
Table 1. Typical Performance (1)
Characteristic
Symbol
900
MHz
2140
MHz
2600
MHz
Unit
Noise Figure
NF
1.2
1.6
1.3
dB
Input Return Loss
(S11)
IRL
--11.8 --21.3 --16.9
dB
Output Return Loss
(S22)
ORL
--13.4 --16.2 --20.9
dB
Small--Signal Gain
(S21)
Gp
20.5
15.9
14.4
dB
Power Output @
1dB Compression
P1db
24
24
24
dBm
Third Order Input
Intercept Point
IIP3
18.2
23.5
26.2
dBm
Third Order Output
Intercept Point
OIP3
38.7
39.4
40.6
dBm
1. VDD =5 Vdc, TA =25°C, 50 ohm system, application circuit tuned
for specified frequency.
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage
VDD
6
V
Supply Current
IDD
130
mA
RF Input Power
Pin
13
dBm
Storage Temperature Range
Tstg
--65 to +150
°C
Junction Temperature (2)
TJ
150
°C
2. For reliable operation, the junction temperature should not
exceed 150°C.
Table 3. Thermal Characteristics
Characteristic
Symbol
Value (3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 85°C, 5 Vdc, 84 mA, no RF applied
RθJC
59
°C/W
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
Freescale Semiconductor
Technical Data
Document Number: MMG15241H
Rev. 0, 12/2010
MMG15241HT1
500--2800 MHz, 15.9 dB
24 dBm
E--pHEMT
CASE 2142--01
SOT--89A
PLASTIC
© Freescale Semiconductor, Inc., 2010. All rights reserved.


Similar Part No. - MMG15241HT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMG15241HT1 NXP-MMG15241HT1 Datasheet
666Kb / 18P
High Linearity Amplifier
Rev. 2, 9/2014
More results

Similar Description - MMG15241HT1

ManufacturerPart #DatasheetDescription
logo
RFHIC
AE608 RFHIC-AE608 Datasheet
447Kb / 8P
E-pHEMT
AE663 RFHIC-AE663 Datasheet
630Kb / 8P
E-pHEMT
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
E-pHEMT
logo
Freescale Semiconductor...
MMG20271HT1 FREESCALE-MMG20271HT1 Datasheet
552Kb / 18P
Enhancement Mode pHEMT Technology (E-pHEMT) High Linearity Amplifier
MML20211HT1 FREESCALE-MML20211HT1 Datasheet
513Kb / 20P
Enhancement Mode pHEMT Technology (E--pHEMT)
logo
AVAGO TECHNOLOGIES LIMI...
AFEM-S257 AVAGO-AFEM-S257 Datasheet
191Kb / 14P
GaAs E-pHEMT, pHEMT and FBAR technology
logo
NXP Semiconductors
MML20242H NXP-MML20242H Datasheet
637Kb / 20P
Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 2, 9/2014
MML25231H NXP-MML25231H Datasheet
418Kb / 18P
Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 0, 4/2016
MML25231HT1 NXP-MML25231HT1 Datasheet
418Kb / 18P
Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 0, 4/2016
MMG20271H NXP-MMG20271H Datasheet
476Kb / 18P
Enhancement Mode pHEMT Technology (E--pHEMT) High Linearity Amplifier
Rev. 1, 9/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com