Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377E Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # MPC8377E
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377E Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button MPC8377E Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 126 page
background image
MPC8377E PowerQUICC II Pro Processor Hardware Specifications, Rev. 4
90
Freescale Semiconductor
Package and Pin Listings
22.2
Pinout Listings
Table 72 provides the pinout listing for the TePBGA II package.
Table 72. TePBGA II Pinout Listing
Signal
Package Pin Number
Pin Type
Power Supply
Notes
Clock Signals
CLKIN
K24
I
OVDD
—
PCI_CLK/PCI_SYNC_IN
C10
I
OVDD
—
PCI_SYNC_OUT
N24
O
OVDD
3
PCI_CLK0
L24
O
OVDD
—
PCI_CLK1
M24
O
OVDD
—
PCI_CLK2
M25
O
OVDD
—
PCI_CLK3
M26
O
OVDD
—
PCI_CLK4
L26
O
OVDD
—
RTC/PIT_CLOCK
AF11
I
OVDD
—
DDR SDRAM Memory Interface
MA0
U3
O
GVDD
—
MA1
U1
O
GVDD
—
MA2
T5
O
GVDD
—
MA3
T3
O
GVDD
—
MA4
T2
O
GVDD
—
MA5
T1
O
GVDD
—
MA6
R1
O
GVDD
—
MA7
P2
O
GVDD
—
MA8
P1
O
GVDD
—
MA9
N4
O
GVDD
—
MA10
V3
O
GVDD
—
MA11
M5
O
GVDD
—
MA12
N1
O
GVDD
—
MA13
M2
O
GVDD
—
MA14
M1
O
GVDD
—
MBA0
U5
O
GVDD
—
MBA1
U4
O
GVDD
—
MBA2
M3
O
GVDD
—
MCAS_B
W5
O
GVDD
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com