Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377E Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MPC8377E
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377E Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MPC8377E Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 126 page
background image
MPC8377E PowerQUICC II Pro Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
99
Package and Pin Listings
USB/GPIO2 Interface
USBDR_CLK/GPIO2[23]
AJ11
I/O
OVDD
—
USBDR_DIR_DPPULLUP/
GPIO2[9]
AG12
I/O
OVDD
—
USBDR_NXT/GPIO2[8]
AJ10
I/O
OVDD
—
USBDR_PCTL0/GPIO2[11]/
SD_DAT2
AF10
I/O
OVDD
—
USBDR_PCTL1/GPIO2[22]/
SD_DAT3
AE9
I/O
OVDD
—
USBDR_PWRFAULT/
GPIO2[10]/SD_DAT1
AG13
I/O
OVDD
—
USBDR_STP_SUSPEND
AH12
O
OVDD
12
USBDR_D0_ENABLEN/
GPIO2[0]
AG10
I/O
OVDD
—
USBDR_D1_SER_TXD/
GPIO2[1]
AF13
I/O
OVDD
—
USBDR_D2_VMO_SE0/
GPIO2[2]
AG11
I/O
OVDD
—
USBDR_D3_SPEED/GPIO2[3]
AH11
I/O
OVDD
—
USBDR_D4_DP/GPIO2[4]
AG9
I/O
OVDD
—
USBDR_D5_DM/GPIO2[5]
AF9
I/O
OVDD
—
USBDR_D6_SER_RCV/
GPIO2[6]
AH13
I/O
OVDD
—
USBDR_D7_DRVVBUS/
GPIO2[7]
AH10
I/O
OVDD
—
I2C Interface
IIC1_SCL
C12
I/O
OVDD
2
IIC1_SDA
B12
I/O
OVDD
2
IIC2_SCL
A10
I/O
OVDD
2
IIC2_SDA
A12
I/O
OVDD
2
JTAG Interface
TCK
B13
I
OVDD
—
TDI
E14
I
OVDD
4
TDO
C13
O
OVDD
3
TMS
A13
I
OVDD
4
TRST_B
E11
I
OVDD
4
Table 72. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com