Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8377E Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8377E
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377E Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8377E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8377E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
© Freescale Semiconductor, Inc., 2008–2010. All rights reserved.
Freescale Semiconductor
Technical Data
This document provides an overview of the MPC8377E
PowerQUICC II Pro processor features, including a block
diagram showing the major functional components. The
device is a cost-effective, low-power, highly integrated host
processor that addresses the requirements of several printing
and imaging, consumer, and industrial applications,
including main CPUs and I/O processors in printing systems,
networking switches and line cards, wireless LANs
(WLANs), network access servers (NAS), VPN routers,
intelligent NIC, and industrial controllers. The MPC8377E
extends the PowerQUICC family, adding higher CPU
performance, additional functionality, and faster interfaces
while addressing the requirements related to time-to-market,
price, power consumption, and package size.
1
Overview
The MPC8377E incorporates the e300c4s core, which
includes 32 Kbytes of L1 instruction and data caches and
on-chip memory management units (MMUs). The device
offers two enhanced three-speed 10, 100, 1000 Mbps
Ethernet interfaces, a DDR1/DDR2 SDRAM memory
controller, a flexible, a 32-bit local bus controller, a 32-bit
PCI controller, an optional dedicated security engine, a USB
Document Number: MPC8377EEC
Rev. 4, 11/2010
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 7
3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 11
4. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 13
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 15
6. DDR1 and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . 16
7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
8. Ethernet: Enhanced Three-Speed Ethernet (eTSEC) 23
9. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
10. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
11. Enhanced Secure Digital Host Controller (eSDHC) . 43
12. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
13. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
14. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
15. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
16. Serial ATA (SATA) . . . . . . . . . . . . . . . . . . . . . . . . . . 69
17. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 74
18. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
19. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
20. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 76
21. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . 78
22. Package and Pin Listings . . . . . . . . . . . . . . . . . . . . . 88
23. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
24. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 113
25. System Design Information . . . . . . . . . . . . . . . . . . 119
26. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 121
27. Document Revision History . . . . . . . . . . . . . . . . . . 124
MPC8377E
PowerQUICC II Pro Processor
Hardware Specifications


Similar Part No. - MPC8377E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
2Mb / 127P
PowerQUICC II Pro Processor
MPC8377ECVRAFDA FREESCALE-MPC8377ECVRAFDA Datasheet
1Mb / 124P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8377ECVRAFFA FREESCALE-MPC8377ECVRAFFA Datasheet
1Mb / 124P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8377ECVRAFGA FREESCALE-MPC8377ECVRAFGA Datasheet
1Mb / 124P
PowerQUICC??II Pro Processor Hardware Specifications
More results

Similar Description - MPC8377E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8313E FREESCALE-MPC8313E Datasheet
1Mb / 88P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8313E FREESCALE-MPC8313E_08 Datasheet
1Mb / 92P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8377E FREESCALE-MPC8377E Datasheet
1Mb / 124P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E Datasheet
1Mb / 126P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
PowerQUICC??II Pro Processor Hardware Specifications
MPC8378E FREESCALE-MPC8378E_10 Datasheet
2Mb / 127P
PowerQUICC II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
PowerQUICC II Pro Processor Hardware Specifications
logo
NXP Semiconductors
MPC8315EEC NXP-MPC8315EEC Datasheet
1Mb / 106P
PowerQUICC II Pro Processor Hardware Specifications
Rev. 2, 11/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com