Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378E Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MPC8378E
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378E Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MPC8378E Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
MPC8378E PowerQUICC II Pro Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
39
USB
9.1
USB DC Electrical Characteristics
Table 39 provides the DC electrical characteristics for the ULPI interface at recommended
OVDD = 3.3 V ± 165 mV.
9.2
USB AC Electrical Specifications
Table 40 describes the general timing parameters of the USB interface of the device.
Table 39. USB DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
Notes
High-level input voltage
VIH
2OVDD + 0.3
V
1
Low-level input voltage
VIL
–0.3
0.8
V
1
Input current
IIN
—±30
μA2
High-level output voltage, IOH = –100 μAVOH
OVDD – 0.2
—
V
—
Low-level output voltage, IOL = 100 μAVOL
—0.2
V
—
Note:
1 The minimum V
IL and maximum VIH values are based on the respective minimum and maximum OVIN values found in Table 3.
2 The symbol OV
IN represents the input voltage of the supply and is referenced in Table 3.
Table 40. USB General Timing Parameters (ULPI Mode Only)
Parameter
Symbol 1
Min
Max
Unit
Notes
USB clock cycle time
tUSCK
15
—
ns
2, 3, 4, 5
Input setup to USB clock—all inputs
tUSIVKH
4
—
ns
2, 3, 4, 5
Input hold to USB clock—all inputs
tUSIXKH
1
—
ns
2, 3, 4, 5
USB clock to output valid—all outputs
tUSKHOV
—
7
ns
2, 3, 4, 5
Output hold from USB clock—all outputs
tUSKHOX
2
—
ns
2, 3, 4, 5
Note:
1 The symbols for timing specifications follow the pattern of t
(First two letters of functional block)(signal)(state) (reference)(state) for inputs
and t(First two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tUSIXKH symbolizes USB timing (US) for
the input (I) to go invalid (X) with respect to the time the USB clock reference (K) goes high (H). Also, tUSKHOX symbolizes
USB timing (US) for the USB clock reference (K) to go high (H) with respect to the output (O) going invalid (X) or output hold
time.
2 All timings are in reference to the USB clock, USBDR_CLK.
3 All signals are measured from OV
DD/2 of the rising edge of the USB clock to 0.4 × OVDD of the signal in question for 3.3-V
signaling levels.
4 Input timings are measured at the pin.
5 For active/float timing measurements, the high impedance or off state is defined to be when the total current delivered through
the component pin is less than or equal to that of the leakage current specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com