Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378E Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC8378E
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378E Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC8378E Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 127 page
background image
MPC8378E PowerQUICC II Pro Processor Hardware Specifications, Rev. 4
96
Freescale Semiconductor
Package and Pin Listings
MDQS6
AH1
I/O
GVDD
11
MDQS7
AJ3
I/O
GVDD
11
MDQS8
G1
I/O
GVDD
11
MECC0/MSRCID0
J6
I/O
GVDD
—
MECC1/MSRCID1
J3
I/O
GVDD
—
MECC2/MSRCID2
K2
I/O
GVDD
—
MECC3/MSRCID3
K3
I/O
GVDD
—
MECC4/MSRCID4
J5
I/O
GVDD
—
MECC5/MDVAL
J2
I/O
GVDD
—
MECC6
L5
I/O
GVDD
—
MECC7
L2
I/O
GVDD
—
MODT0
N5
O
GVDD
6
MODT1
U6
O
GVDD
6
MODT2
M6
O
GVDD
6
MODT3
P6
O
GVDD
6
MRAS_B
AA3
O
GVDD
—
MVREF1
K4
I
GVDD
11
MVREF2
W4
I
GVDD
11
MWE_B
Y2
O
GVDD
—
DUART Interface
UART_SIN1/
MSRCID2/LSRCID2
L28
I/O
OVDD
—
UART_SOUT1/
MSRCID0/LSRCID0
L27
O
OVDD
—
UART_CTS_B[1]/
MSRCID4/LSRCID4
K26
I/O
OVDD
—
UART_RTS_B1
N27
O
OVDD
—
UART_SIN2/
MSRCID3/LSRCID3
K27
I/O
OVDD
—
UART_SOUT2/
MSRCID1/LSRCID1
K28
O
OVDD
—
UART_CTS_B[2]/
MDVAL/LDVAL
K29
I/O
OVDD
—
UART_RTS_B[2]
L29
O
OVDD
—
Enhanced Local Bus Controller (eLBC) Interface
Table 68. TePBGA II Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com