Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8378E Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC8378E
Description  PowerQUICC II Pro Processor Hardware Specifications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8378E Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC8378E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8378E Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 127 page
background image
MPC8378E PowerQUICC II Pro Processor Hardware Specifications, Rev. 4
Freescale Semiconductor
49
Enhanced Secure Digital Host Controller (eSDHC)
Figure 29. Local Bus Signals, GPCM/UPM Signals for LCRR[CLKDIV] = 4 (PLL Bypass Mode)
11 Enhanced Secure Digital Host Controller (eSDHC)
This section describes the DC and AC electrical specifications for the eSDHC (SD/MMC) interface of the
MPC8378E.
The eSDHC controller always uses the falling edge of the SD_CLK in order to drive the
SD_DAT[0:3]/CMD as outputs and sample the SD_DAT[0:3] as inputs. This behavior is true for both full-
and high-speed modes.
Note that this is a non-standard implementation, as the SD card specification assumes that in high-speed
mode, data is driven at the rising edge of the clock.
LCLK
UPM Mode Input Signal:
LUPWAIT
tLBIXKH
tLBIVKH
tLBIVKH
tLBIXKH
T1
T3
GPCM Mode Output Signals:
LCS[0:7]/LWE[0:3]
tLBKHOV
tLBKHOZ
T2
T4
Input Signals:
LAD[0:31]
UPM Mode Output Signals:
LCS[0:7]/LBS[0:1]/LGPL[0:5]
tLBKHOV
Output (Data) Signals:
LAD[0:31]/LDP[0:3]
Output (Address) Signal:
LAD[0:31]
tLBKHOZ
tLBKHOZ
tLBKHOV
tLBKHOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com