Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL015A2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPL015A2
Description  Barometry (portable and desk-top) Weather Stations Industrial Equipment
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL015A2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPL015A2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPL015A2
Sensors
Freescale Semiconductor
3
Pressure
Figure 1. Block Diagram
Compensation
The 10-bit compensated pressure output, Pcomp, is calculated as follows:
Pcomp = a0 + (b1 + Padc + c12*Tadc) * Padc + (b2 + Tadc) * Tadc
Where:
Padc is the 10-bit pressure output of the MPL015A2 ADC,
Tadc is the 10-bit temperature output of the MPL015A2 ADC,
a0 is the pressure offset coefficient,
b1 is the pressure sensitivity coefficient,
c12 is the coefficient for temperature sensitivity coefficient (TCS),
b2 is the 1st order temperature offset coefficient (TCO),
Ideally, Pcomp will produce a value of 0 with an input pressure of 50 kPa and will produce a full-scale value of 1023 with an input
pressure of 115 kPa.
Diff
Amp
Temp
Sensor
ADC
SCL
GND
VDD
SDA
Temperature
Pressure
Coefficient
Storage
ADDR
ADDR
ADDR
ADDR
ADDR
I2C
Interface
SHDN
RST
CAP
Diff
Amp
Temp
Sensor
ADC
SCL
GND
VDD
SDA
Temperature
Pressure
Coefficient
Storage
ADDR
ADDR
ADDR
ADDR
ADDR
ADDR
ADDR
ADDR
I2C
Interface
SHDN
RST
CAP
VDD
CAP
SHDN
SDA
RST
GND
SCL
μC
1
μF
1
μF
Microcontroller
4.7 k
4.7 k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com