Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL015A2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPL015A2
Description  Barometry (portable and desk-top) Weather Stations Industrial Equipment
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL015A2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPL015A2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MPL015A2
Rev 1, 12/2010
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2010. All rights reserved.
Pressure
Miniature I2C Digital Barometer
The MPL015A2 is an absolute pressure sensor with digital output for low cost
applications. A miniature 5 x 3 x 1.2 mm LGA package ideally suits it for portable
electronics and space constrained applications. Low current consumptions of
5
μA during Active mode and 0.06 μA during Shutdown (Sleep) mode target
battery and other low-power applications. A wide operating temperature range
from -40°C to +105°C fits demanding environmental requirements.
MPL015A2 employs a MEMS pressure sensor with a conditioning IC to provide
accurate pressure measurement from 50 to 115 kPa. An integrated ADC provides
digitized temperature and pressure sensor outputs via an I2C port. Calibration
Data is stored in internal ROM. Utilizing raw sensor output, the host
microcontroller executes a compensation algorithm to render Compensated
Absolute Pressure.
The MPL015A2 pressure sensor’s small form factor, low power capability,
precision, and digital output optimize it for barometric measurement applications.
Features
• Digitized pressure and temperature information together with programmed
calibration coefficients for host micro use.
• Factory Calibrated
• 50 kPa to 115 kPa Absolute Pressure
• 1 kPa Accuracy
• 2.375 V to 5.5 V Supply
• Integrated ADC
•I2C Interface
• Monotonic Pressure and Temperature Data Outputs
• Surface Mount RoHS Compliant Package
ORDERING INFORMATION
Device Name
Package Options
Case No.
# of Ports
Pressure Type
Digital
Interface
None
Single
Dual
Gauge
Differential
Absolute
MPL015A2T1
Tape & Reel
2015
•
•
I2C
Pin Description
PIN
NAME
FUNCTION
1
VDD
VDD Power Supply Connection.
2
CAP
External Capacitor
3
GND
Ground
4
SHDN
Shutdown (Sleep): Connect to GND to disable the device.
5
RST
Reset: Drive line low to disable I2C communications.
6
NC
NC: No connection.
7SDA(1)
SDA: Serial data I/O line.
8SCL(1)
I2C Serial Clock Input.
1. Use 4.7k pull-up resistors for I2C communication.
MPL015A2
50 to 115 kPa
MPL015A2
5.0 mm X 3.0 mm X 1.2 mm MAX
LGA PACKAGE
1
NC
SDA
VDD
CAP
SHDN
GND
RST
SCL
2
3
4
8
7
6
5
PIN CONNECTIONS
Application Examples
• Barometry (portable and desk-top)
• Altimeters
• Weather Stations
• Hard Disk-Drives (HDD)
• Industrial Equipment
• Health Monitoring
• Air Control Systems


Similar Part No. - MPL015A2

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
MPL025 BULGIN-MPL025 Datasheet
1Mb / 24P
Switches
MPL025 BULGIN-MPL025 Datasheet
99Kb / 1P
Stainless Steel Low Profile Vandal Resistant - Latching
MPL027 BULGIN-MPL027 Datasheet
1Mb / 24P
Switches
MPL027 BULGIN-MPL027 Datasheet
99Kb / 1P
Stainless Steel Low Profile Vandal Resistant - Latching
MPL031 BULGIN-MPL031 Datasheet
1Mb / 24P
Switches
More results

Similar Description - MPL015A2

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIPU16C TOTAL-POWER-TPIPU16C Datasheet
462Kb / 2P
15W desk top switching power supplies for industrial equipment
TPIPU16D TOTAL-POWER-TPIPU16D Datasheet
467Kb / 2P
15W desk top switching power supplies for industrial equipment
TPIPU20A TOTAL-POWER-TPIPU20A Datasheet
478Kb / 2P
20W desk top switching power supplies for industrial equipment
TPIPU20B TOTAL-POWER-TPIPU20B Datasheet
477Kb / 2P
20W desk top switching power supplies for industrial equipment
TPIPU25B TOTAL-POWER-TPIPU25B Datasheet
478Kb / 2P
25W desk top switching power supplies for industrial equipment
TPIPU25C TOTAL-POWER-TPIPU25C Datasheet
478Kb / 2P
25W desk top switching power supplies for industrial equipment
TPIPU46 TOTAL-POWER-TPIPU46 Datasheet
454Kb / 2P
50W desk top switching power supplies for industrial equipment
TPIPU63 TOTAL-POWER-TPIPU63 Datasheet
444Kb / 2P
63W desk top switching power supplies for industrial equipment
TPIPU68 TOTAL-POWER-TPIPU68 Datasheet
463Kb / 2P
60W desk top switching power supplies for industrial equipment
TPIPU80 TOTAL-POWER-TPIPU80 Datasheet
452Kb / 2P
80W desk top switching power supplies for industrial equipment
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com