Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL015A2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPL015A2
Description  Barometry (portable and desk-top) Weather Stations Industrial Equipment
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPL015A2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPL015A2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPL015A2 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPL015A2
Sensors
4
Freescale Semiconductor
Pressure
Coefficient Bit-Width Specs
The table below specifies the initial coefficient bit-width specs for the compensation algorithm.
* Factory reserves the option to make these values = 0.
Example Binary Format Definitions:
1.
Sign = 0, Integer Bits = 8, Fractional Bits = 4 :
Coeff = S I7 I6 I5 I4 I3 I2 I1 I0 . F3 F2 F1 F0
2.
Sign = 1, Integer Bits = 4, Fractional Bits = 7 :
Coeff = S I3 I2 I1 I0 . F6 F5 F4 F3 F2 F1 F0
3.
Sign = 0, Integer Bits = 0, Fractional Bits = 6, dec pt zero pad = 2 : Coeff = S 0 . 0 0 F5 F4 F3 F2 F1 F0
4.
Sign = 0, Integer Bits = 0, Fractional Bits = 5, dec pt zero pad = 3 : Coeff = S 0 . 0 0 0 F4 F3 F2 F1 F0
NOTE: Negative coefficients (Sign = 1) are coded in 2’s complement notation.
Coefficient Address Map
For coefficients with less than 16 bits, the lower LSBs are zero. For example, c14 is 14 bits and is stored into 2 bytes as follows:
c14 MS byte = c14[10:3] = [c14b13 , c14b12 , c14b11 , c14b10 , c14b9 , c14b8 , c14b7 , c14b6]
c14 LS byte = c14[2:0] & “00000” = [c14b5 , c14b4 , c14b3 , c14b2 , c14b1 , c14b0 , 0 , 0]
10-bit Output: Compensation Coefficient Specs
Total Coeff.
Bits
a0
b1
b2
c12
Total Bits
16
16
16
14
62
Sign Bits
1
1
1
1
Integer Bits
12
2
1
0
Fractional Bits
4
13
14
13
dec pt zero pad
—
—
—
9
Address
Coefficient
$04
a0 MS Byte
$05
a0 LS Byte
$06
b1 MS Byte
$07
b1 LS Byte
$08
b2 MS Byte
$09
b2 LS Byte
$0A
c12 MS Byte
$0B
c12 LS Byte



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com