Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4252 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4252
Description  Tracking Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4252 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4252 Datasheet HTML 1Page - Infineon Technologies AG TLE4252 Datasheet HTML 2Page - Infineon Technologies AG TLE4252 Datasheet HTML 3Page - Infineon Technologies AG TLE4252 Datasheet HTML 4Page - Infineon Technologies AG TLE4252 Datasheet HTML 5Page - Infineon Technologies AG TLE4252 Datasheet HTML 6Page - Infineon Technologies AG TLE4252 Datasheet HTML 7Page - Infineon Technologies AG TLE4252 Datasheet HTML 8Page - Infineon Technologies AG TLE4252 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Type
Package
TLE 4252 D
PG-TO252-5-11
Tracking Regulator
TLE 4252
P-TO252-5-11
Data Sheet
1
Rev. 1.4, 2007-03-20
Features
•
Output tracking tolerance to reference
≤ ±0.2%
•
Output voltage adjust down to 1.5 V
•
250 mA output current capability
•
Enable function
•
Very low current consumption in OFF mode
•
Wide operation range: up to 40 V
•
Wide temperature range: -40
°C ≤ T
j ≤ 150 °C
•
Output protected against short circuit to GND and
Battery
•
Overtemperature protection
•
Reverse polarity proof
•
Green Product (RoHS compliant)
•
AEC Qualified
Short Functional Description
The TLE 4252 is a monolithic integrated low-drop voltage tracking regulator in a very
small SMD package PG-TO252-5-11. It is designed to supply off-board systems, e.g.
sensors in engine management systems under the severe conditions of automotive
applications. Therefore the device is equipped with additional protection functions
against reverse polarity and short circuit to GND and battery.
With supply voltages up to 40 V the output voltage follows a reference voltage applied at
the adjust input with high accuracy. The reference voltage applied directly to the adjust
input or by an e.g. external resistor divider can be 1.5 V at minimum.
The output is able to drive loads up to 250 mA at minimum while they follow e.g. the 5 V
output of a main voltage regulator as reference with high accuracy.
The TLE 4252 tracker can be switched into stand-by mode to reduce the current
consumption to very low values. This feature makes the IC suitable for low power battery
applications.


Similar Part No. - TLE4252

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4252 INFINEON-TLE4252 Datasheet
180Kb / 11P
Tracking Regulator
Rev. 1.2, 2004-08-11
TLE4252D INFINEON-TLE4252D Datasheet
180Kb / 11P
Tracking Regulator
Rev. 1.2, 2004-08-11
TLE4252D INFINEON-TLE4252D Datasheet
602Kb / 13P
Tracking Regulator
TLE4252DATMA1 INFINEON-TLE4252DATMA1 Datasheet
602Kb / 13P
Tracking Regulator
TLE4252G INFINEON-TLE4252G Datasheet
348Kb / 12P
Low Dropout Tracking Regulator 250 mA output current capability
Rev. 1.0, 2008-05-09
More results

Similar Description - TLE4252

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9072 NSC-LM9072 Datasheet
477Kb / 15P
Dual Tracking Low-Dropout System Regulator
logo
List of Unclassifed Man...
SG4501A ETC1-SG4501A Datasheet
378Kb / 6P
DUAL VOLTAGE TRACKING REGULATOR
logo
Exar Corporation
XR-4195 EXAR-XR-4195 Datasheet
515Kb / 3P
/- 15V DUAL - TRACKING VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4252 INFINEON-TLE4252 Datasheet
180Kb / 11P
Tracking Regulator
Rev. 1.2, 2004-08-11
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
IFX21401 INFINEON-IFX21401 Datasheet
1Mb / 17P
Low Dropout Voltage Tracking Regulator
Rev. 1.01, 2009-10-19
TLE4253 INFINEON-TLE4253 Datasheet
426Kb / 22P
Low Dropout Voltage Tracking Regulator
Rev. 1.2, November 2009
logo
ON Semiconductor
NCV4250-2C ONSEMI-NCV4250-2C Datasheet
101Kb / 10P
Low Dropout Voltage Tracking Regulator
October, 2017 ??Rev. 0
logo
Exar Corporation
XR-1468 EXAR-XR-1468 Datasheet
96Kb / 2P
Dual Polarity Tracking Voltage Regulator
logo
ON Semiconductor
NCV4254C ONSEMI-NCV4254C Datasheet
192Kb / 14P
Low Dropout Voltage Tracking Regulator
November, 2018 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com