Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4263
Description  5-V Low Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4263 Datasheet HTML 1Page - Infineon Technologies AG TLE4263 Datasheet HTML 2Page - Infineon Technologies AG TLE4263 Datasheet HTML 3Page - Infineon Technologies AG TLE4263 Datasheet HTML 4Page - Infineon Technologies AG TLE4263 Datasheet HTML 5Page - Infineon Technologies AG TLE4263 Datasheet HTML 6Page - Infineon Technologies AG TLE4263 Datasheet HTML 7Page - Infineon Technologies AG TLE4263 Datasheet HTML 8Page - Infineon Technologies AG TLE4263 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TLE 4263
Data Sheet
5
Rev. 2.8, 2007-03-20
Table 2
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit Remarks
Min.
Max.
Input I
Input voltage
Input current
V
I
I
I
-42
–
45
–
V
–
–
internally limited
Reset Output RO
Voltage
Current
V
R
I
R
-0.3
–
42
–
V
–
–
internally limited
Reset Threshold RADJ
Voltage
V
RADJ
-0.3
6
V
–
Reset Delay D
Voltage
Current
V
D
I
D
-0.3
–
42
–
V
–
–
internally limited
Output Q
Voltage
Current
V
Q
I
Q
-0.3
–
7
–
V
–
–
internally limited
Inhibit INH
Voltage
V
INH
-42
45
V
–
Watchdog W
Voltage
V
W
-0.3
6
V
–
Ground GND
Current
I
GND
-0.5
–
A
–
Temperature
Junction temperature
Storage temperature
T
j
T
stg
–
-50
150
150
°C
°C
–
–
Operating Range
Input voltage
V
I
–45
V
–
Junction temperature
T
j
-40
150
°C–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com