Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4263
Description  5-V Low Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4263 Datasheet HTML 6Page - Infineon Technologies AG TLE4263 Datasheet HTML 7Page - Infineon Technologies AG TLE4263 Datasheet HTML 8Page - Infineon Technologies AG TLE4263 Datasheet HTML 9Page - Infineon Technologies AG TLE4263 Datasheet HTML 10Page - Infineon Technologies AG TLE4263 Datasheet HTML 11Page - Infineon Technologies AG TLE4263 Datasheet HTML 12Page - Infineon Technologies AG TLE4263 Datasheet HTML 13Page - Infineon Technologies AG TLE4263 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Data Sheet
10
Rev. 2.8, 2007-03-20
TLE 4263
Reset Timing
The power-on reset delay time is defined by the charging time of an external capacitor
C
D which can be calculated as follows:
C
D = (trd × ID,ch)/∆V
(1)
Definitions:
•
C
D = delay capacitor
•
t
rd = reset delay time
•
I
D,ch = charge current, typical 60 µA
•
∆V = V
DU, typical 1.70 V
•
V
DU = upper delay switching threshold at CD for reset delay time
Figure 5
Time Response, Watchdog with High-Frequency Clock
AET03066
I
V
V
Q
Q, rt
V
V
D
DU
V
V
DRL
RO
V
rd
t
t
rr
< rr
t
V
d
t
d
=
D, ch
I
D
C
Power-ON
Reset
Over-
temperature
at Input
Voltage Drop
Under-
voltage
Spike
Secondary
Bounce
Load
t
t
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com