Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4263 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4263
Description  5-V Low Drop Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4263 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4263 Datasheet HTML 8Page - Infineon Technologies AG TLE4263 Datasheet HTML 9Page - Infineon Technologies AG TLE4263 Datasheet HTML 10Page - Infineon Technologies AG TLE4263 Datasheet HTML 11Page - Infineon Technologies AG TLE4263 Datasheet HTML 12Page - Infineon Technologies AG TLE4263 Datasheet HTML 13Page - Infineon Technologies AG TLE4263 Datasheet HTML 14Page - Infineon Technologies AG TLE4263 Datasheet HTML 15Page - Infineon Technologies AG TLE4263 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Data Sheet
12
Rev. 2.8, 2007-03-20
TLE 4263
Reset Switching Threshold versus
Output Voltage
Reset Switching Threshold versus
Temperature
Timing Threshold Voltage
V
DU and VDRL
versus Temperature
Current Consumption of Inhibit versus
Temperature
0.8
0.4
0.6
0.2
1
0
2
0
1.6
1.2
1.4
1.0
RADJ
V
V
V
4
3
5
V Q
AED01098_4263
Ι
V = 13.5 V
AED01088
-40
040
80
120 ˚C 160
0
j
T
RADJ
V
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V
AED03062
-40
0
I
V = 13.5 V
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
V
040
80
120
160
˚C
V
T
j
V
DRL
DU
V
AED03063
V
INH = 5 V
µA
INH
I
80
-40
4
2
0
6
8
40
0
10
12
14
16
160
˚C
120
T
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com