Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4290 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4290
Description  5-V Low Drop Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4290 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4290 Datasheet HTML 2Page - Infineon Technologies AG TLE4290 Datasheet HTML 3Page - Infineon Technologies AG TLE4290 Datasheet HTML 4Page - Infineon Technologies AG TLE4290 Datasheet HTML 5Page - Infineon Technologies AG TLE4290 Datasheet HTML 6Page - Infineon Technologies AG TLE4290 Datasheet HTML 7Page - Infineon Technologies AG TLE4290 Datasheet HTML 8Page - Infineon Technologies AG TLE4290 Datasheet HTML 9Page - Infineon Technologies AG TLE4290 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
6
Rev. 1.7, 2007-03-20
TLE 4290
Table 4
Characteristics
V
I = 13.5 V; -40 °C < Tj < 150 °C (unless otherwise specified)
Parameter
Symbol
Limit Values
Unit
Measuring
Condition
Min.
Typ.
Max.
Output
Output voltage
V
Q
4.9
5.0
5.1
V
5 mA <
I
Q < 400 mA;
6 V <
V
I < 28 V
Output voltage
V
Q
4.9
5.0
5.1
V
5 mA <
I
Q < 200 mA;
6 V <
V
I < 40 V
Output current limitation
I
Q
450
700
–
mA
1)
Current consumption;
I
q = II - IQ
I
q
–
200
230
μA
I
Q = 1 mA;
T
j = 25 °C
Current consumption;
I
q = II - IQ
I
q
–
200
255
μA
I
Q = 1 mA;
T
j ≤ 85 °C
Current consumption;
I
q = II - IQ
I
q
–5
12
mA
I
Q = 250 mA
Current consumption;
I
q = II - IQ
I
q
–12
25
mA
I
Q = 400 mA
Drop voltage
V
dr
–
250
500
mV
I
Q = 300 mA
V
dr = VI - VQ
1)
Load regulation
ΔV
Q,lo
-30
15
30
mV
V
I = 6 V;
I
Q = 5 mA to 400 mA
Line regulation
ΔV
Q,li
-15
5
15
mV
V
l = 8 V to 32 V;
I
Q = 5 mA
Power supply ripple
rejection
PSRR
–60
–
dB
f
r = 100 Hz;
V
r = 0.5 Vpp
Temperature output
voltage drift
d
V
Q/dT
–0.5
–
mV/K –
Output Capacitor
C
Q
22
–
–
μFESR < 5 Ω in the
operation range
Power Good Output PG and Delay Timing D
Power Good switching
threshold
V
Q,pgt-i
4.45
4.65
4.80
V
V
Q increasing
Power Good switching
threshold
V
Q,pgt-d
3.50
3.65
3.80
V
V
Q decreasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com