Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4290 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4290
Description  5-V Low Drop Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4290 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4290 Datasheet HTML 9Page - Infineon Technologies AG TLE4290 Datasheet HTML 10Page - Infineon Technologies AG TLE4290 Datasheet HTML 11Page - Infineon Technologies AG TLE4290 Datasheet HTML 12Page - Infineon Technologies AG TLE4290 Datasheet HTML 13Page - Infineon Technologies AG TLE4290 Datasheet HTML 14Page - Infineon Technologies AG TLE4290 Datasheet HTML 15Page - Infineon Technologies AG TLE4290 Datasheet HTML 16Page - Infineon Technologies AG TLE4290 Datasheet HTML 17Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
13
Rev. 1.7, 2007-03-20
TLE 4290
Drop Voltage
V
dr versus
Output Current
I
Q
Upper Timing Threshold
V
DU versus
Temperature
T
j
Charge Current
I
D,c versus
Temperature
T
j
AED01935
0
0
Q
I
100
200
300
400
500
600
700
800
mV
V
dr
j
T = 125 ˚C
25 ˚C
200
400
600
1000
mA
0
-40
AED03037
V
DU
mA
= 13.5 V
˚C
Ι
V
j
T
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
040
80
120
160
AED03036
-40
0
I
V = 13.5 V
1
2
3
4
5
6
7
8
µA
040
80
120
160
˚C
I
T
j
= 1 V
D
V
D, c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com