Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4290 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4290
Description  5-V Low Drop Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4290 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4290 Datasheet HTML 4Page - Infineon Technologies AG TLE4290 Datasheet HTML 5Page - Infineon Technologies AG TLE4290 Datasheet HTML 6Page - Infineon Technologies AG TLE4290 Datasheet HTML 7Page - Infineon Technologies AG TLE4290 Datasheet HTML 8Page - Infineon Technologies AG TLE4290 Datasheet HTML 9Page - Infineon Technologies AG TLE4290 Datasheet HTML 10Page - Infineon Technologies AG TLE4290 Datasheet HTML 11Page - Infineon Technologies AG TLE4290 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Data Sheet
8
Rev. 1.7, 2007-03-20
TLE 4290
Application Information
Figure 4
Application Diagram
Input, Output
An input capacitor is necessary for damping line influences. A resistor of approx. 1
Ω in
series with
C
I, can damp the LC of the input inductivity and the input capacitor.
The TLE 4290 requires an output capacitor of at least 22
μF with an ESR below 5 Ω for
stability.
Power Good
The Power Good pin informs e.g. the micro-controller in case the output voltage has
fallen below a threshold of typ. 3.65 V. When the battery voltage is supplied the Power
Good signal indicates a loss of memory due to missing power. After the Memory Good
switching threshold is reached the Power Good output remains low for the Power Good
delay time. This time can be set by the user with an external capacitor at pin D according
to the requirements of the application, e.g. the time until the microcontroller is initialized
and ready to receive any information.
AES02822
Current
and
Saturation
Control
Band-
Gap-
Reference
TLE 4290
Power
Good
Control
2
5
I
4
C
I1
C
I2
V
BAT
C
D
47 nF
GND
R
PG
5 k
22
µF
µ-Controller
V
CC
NMI /
PORT
Internal
Reset
D
PG
Q
100
nF
C
Q2
C
Q1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com