Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8154 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MSC8154
Description  Quad-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8154 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MSC8154 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
MSC8154 Quad-Core Digital Signal Processor Data Sheet, Rev. 2
Freescale Semiconductor
22
AH17
M1DQS6
I/O
GVDD1
AH18
M1DQS6
I/O
GVDD1
AH19
M1DQ48
I/O
GVDD1
AH20
M1DQ49
I/O
GVDD1
AH21
VSS
Ground
N/A
AH22
TDM0RCK/GE2_RD23
I/O
NVDD
AH23
TDM0RDT/GE2_RD33
I/O
NVDD
AH24
TDM0TSN/GE2_RD03
I/O
NVDD
AH25
TDM1RCK/GE2_RD13
I/O
NVDD
AH26
TDM3TDT/GE1_RD33
I/O
NVDD
AH27
TDM3TCK/GE1_RD23
INVDD
AH28
VSS
Ground
N/A
Notes:
1.
Reserved signals should be disconnected for compatibility with future revisions of the device. Non-user signals are reserved
for manufacturing and test purposes only. The assigned signal name is used to indicate whether the signal must be
unconnected (Reserved), pulled down (VSS), or pulled up (VDD).
2.
Signal function during power-on reset is determined by the RCW source type.
3.
Selection of TDM versus RGMII functionality is determined by the RCW bit values.
4.
Selection of RapidIO, SGMII, and PCI Express functionality is determined by the RCW bit values.
5.
Selection of the GPIO function and other functions is done by GPIO register setup. For configuration details, see the GPIO
chapter in the MSC8154 Reference Manual.
6.
Open-drain signal.
7.
Internal 20 K
Ω pull-up resistor.
8.
For signals with GPIO functionality, the open-drain and internal 20 K
Ω pull-up resistor can be configured by GPIO register
programming. See the GPIO chapter of the MSC8154 Reference Manual for configuration details.
9.
Connect to power supply via external filter. See Section 3.2, PLL Power Supply Design Considerations for details.
10. Pin types are: Ground = all VSS connections; Power = all VDD connections; I = Input; O = Output; I/O = Input/Output; NC =
not connected.
Table 1. Signal List by Ball Number (continued)
Ball Number
Signal Name1,2
Pin Type10
Power Rail
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com