Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8154 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MSC8154
Description  Quad-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8154 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MSC8154 Datasheet HTML 1Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 2Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 3Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 4Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 5Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 6Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 7Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 8Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Freescale Semiconductor
Data Sheet: Product Preview
Document Number: MSC8154
Rev. 2, 12/2010
© 2008, 2010 Freescale Semiconductor, Inc.
This document contains information on a product under development. Freescale reserves
the right to change or discontinue this product without notice.
MSC8154
FC-PBGA–783
29 mm
× 29 mm
• Four StarCore SC3850 DSP subsystems, each with an SC3850
DSP core, 32 Kbyte L1 instruction cache, 32 Kbyte L1 data cache,
unified 512 Kbyte L2 cache configurable as M2 memory in
64 Kbyte increments, memory management unit (MMU),
extended programmable interrupt controller (EPIC), two
general-purpose 32-bit timers, debug and profiling support,
low-power Wait, Stop, and power-down processing modes, and
ECC/EDC support.
• Chip-level arbitration and switching system (CLASS) that
provides full fabric non-blocking arbitration between the cores
and other initiators and the M2 memory, shared M3 memory,
DDR SRAM controllers, device configuration control and status
registers, MAPLE-B, and other targets.
• 1056 Kbyte 128-bit wide M3 memory, 1024 Kbytes of which can
be turned off to save power.
• 96 Kbyte boot ROM.
• Three input clocks (one global and two differential).
• Five PLLs (three global and two Serial RapidIO PLLs).
• Multi-Accelerator Platform Engine for Baseband (MAPLE-B)
with a programmable system interface, Turbo decoding, Viterbi
decoding, and FFT/iFFT and DFT/iDFT processing. MAPLE-B
can be disabled when not required to reduce overall power
consumption.
• Two DDR controllers with up to a 400 MHz clock (800 MHz data
rate), 64/32 bit data bus, supporting up to a total 2 Gbyte in up to
four banks (two per controller) and support for DDR2 and DDR3.
• DMA controller with 32 unidirectional channels supporting 16
memory-to-memory channels with up to 1024 buffer descriptors
per channel, and programmable priority, buffer, and multiplexing
configuration. It is optimized for DDR SDRAM.
• Up to four independent TDM modules with programmable word
size (2, 4, 8, or 16-bit), hardware-base A-law/
μ-law conversion,
up to 62.5 Mbps data rate for each TDM link, and with glueless
interface to E1 or T1 framers that can interface with
H-MVIP/H.110 devices, TSI, and codecs such as AC-97.
• High-speed serial interface that supports two Serial RapidIO
interfaces, one PCI Express interface, and two SGMII interfaces
(multiplexed). The Serial RapidIO interfaces support 1x/4x
operation up to 3.125 Gbaud with a single messaging unit and two
DMA units. The PCI Express controller supports 32- and 64-bit
addressing, x4, x2, and x1 link.
• QUICC Engine technology subsystem with dual RISC
processors, 48 Kbyte multi-master RAM, 48 Kbyte instruction
RAM, supporting two communication controllers for two Gigabit
Ethernet interfaces (RGMII or SGMII), to offload scheduling
tasks from the DSP cores, and an SPI.
• I/O Interrupt Concentrator consolidates all chip maskable
interrupt and non-maskable interrupt sources and routes then to
INT_OUT, NMI_OUT, and the cores.
• UART that permits full-duplex operation with a bit rate of up to
6.25 Mbps.
• Two general-purpose 32-bit timers for RTOS support per SC3850
core, four timer modules with four 16-bit fully programmable
timers, and eight software watchdog timers (SWT).
• Eight programmable hardware semaphores.
• Up to 32 virtual interrupts and a virtual NMI asserted by simple
write access.
•I2C interface.
• Up to 32 GPIO ports, sixteen of which can be configured as
external interrupts.
• Boot interface options include Ethernet, Serial RapidIO interface,
I2C, and SPI.
• Supports standard JTAG interface
• Low power CMOS design, with low-power standby and
power-down modes, and optimized power-management circuitry.
• 45 nm SOI CMOS technology.
Quad-Core Digital Signal
Processor


Similar Part No. - MSC8154

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8154E FREESCALE-MSC8154E Datasheet
915Kb / 68P
Quad-Core Digital Signal Processor with Security
MSC8154ESVT1000B FREESCALE-MSC8154ESVT1000B Datasheet
915Kb / 68P
Quad-Core Digital Signal Processor with Security
MSC8154ETVT1000B FREESCALE-MSC8154ETVT1000B Datasheet
915Kb / 68P
Quad-Core Digital Signal Processor with Security
MSC8154E FREESCALE-MSC8154E_11 Datasheet
889Kb / 68P
Quad-Core Digital Signal Processor with Security
MSC8154 FREESCALE-MSC8154_11 Datasheet
886Kb / 68P
Quad-Core Digital Signal processor
More results

Similar Description - MSC8154

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MSC8144 FREESCALE-MSC8144 Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8122 FREESCALE-MSC8122 Datasheet
2Mb / 88P
Quad Core 16-Bit Digital Signal Processor
MSC8144E FREESCALE-MSC8144E Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8144EC FREESCALE-MSC8144EC Datasheet
2Mb / 80P
Quad Core Digital Signal Processor
MSC8102 FREESCALE-MSC8102 Datasheet
1Mb / 80P
Quad Core 16-Bit Digital Signal Processor
MSC8154E FREESCALE-MSC8154E Datasheet
915Kb / 68P
Quad-Core Digital Signal Processor with Security
MSC8254 FREESCALE-MSC8254 Datasheet
913Kb / 68P
Quad-Core Digital Signal Processor
MSC8154 FREESCALE-MSC8154_11 Datasheet
886Kb / 68P
Quad-Core Digital Signal processor
MSC8154E FREESCALE-MSC8154E_11 Datasheet
889Kb / 68P
Quad-Core Digital Signal Processor with Security
MSC8254 FREESCALE-MSC8254_11 Datasheet
886Kb / 68P
Quad-Core Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com